Electronic Components Datasheet Search
  English  ▼

X  

AD9136-EBZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD9136-EBZ
Description  Digital-to-Analog Converters
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9136-EBZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9136-EBZ Datasheet HTML 7Page - Analog Devices AD9136-EBZ Datasheet HTML 8Page - Analog Devices AD9136-EBZ Datasheet HTML 9Page - Analog Devices AD9136-EBZ Datasheet HTML 10Page - Analog Devices AD9136-EBZ Datasheet HTML 11Page - Analog Devices AD9136-EBZ Datasheet HTML 12Page - Analog Devices AD9136-EBZ Datasheet HTML 13Page - Analog Devices AD9136-EBZ Datasheet HTML 14Page - Analog Devices AD9136-EBZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 117 page
background image
Data Sheet
AD9135/AD9136
Rev. C | Page 11 of 117
ABSOLUTE MAXIMUM RATINGS
Table 10.
Parameter
Rating
I120 to Ground
−0.3 V to AVDD33 + 0.3 V
SERDINx±, VTT, SYNCOUT1±/
SYNCOUT0±, TXENx
−0.3 V to SIOVDD33 + 0.3 V
OUTx±
−0.3 V to AVDD33 + 0.3 V
SYSREF±
GND − 0.5 V to +2.5 V
CLK± to Ground
−0.3 V to PVDD12 + 0.3 V
RESET, IRQ, CS, SCLK, SDIO,
SDO to Ground
−0.3 V to IOVDD + 0.3 V
LDO_BYP1
−0.3 V to SVDD12 + 0.3 V
LDO_BYP2
−0.3 V to PVDD12 + 0.3 V
LDO24
−0.3 V to AVDD33 + 0.3 V
Ambient Operating Temperature (TA)
−40°C to +85°C
Operating Junction Temperature
125°C
Storage Temperature Range
−65°C to +150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
The exposed pad (EPAD) must be soldered to the ground plane
for the 88-lead LFCSP. The EPAD provides an electrical, thermal,
and mechanical connection to the board.
Typical θJA, θJB, and θJC values are specified for a 4-layer
JESD51-7 high effective thermal conductivity test board for
leaded surface-mount packages. θJA is obtained in still air
conditions (JESD51-2). Airflow increases heat dissipation,
effectively reducing θJA. θJB is obtained following double-ring
cold plate test conditions (JESD51-8). θJC is obtained with the test
case temperature monitored at the bottom of the exposed pad.
ΨJT and ΨJB are thermal characteristic parameters obtained with
θJA in still air test conditions.
Junction temperature (TJ) can be estimated using the following
equations:
TJ = TT + (ΨJT × P)
or
TJ = TB + (ΨJB × P)
where:
TT is the temperature measured at the top of the package.
P is the total device power dissipation.
TB is the temperature measured at the board.
Table 11. Thermal Resistance
Package
θJA
θJB
θJC
ΨJT
ΨJB
Unit
88-Lead LFCSP1
22.6
5.59
1.17
0.1
5.22
°C/W
1 The exposed pad must be securely connected to the ground plane.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com