Electronic Components Datasheet Search
  English  ▼

X  

AD9136-EBZ Datasheet(PDF) 88 Page - Analog Devices

Part # AD9136-EBZ
Description  Digital-to-Analog Converters
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9136-EBZ Datasheet(HTML) 88 Page - Analog Devices

Back Button AD9136-EBZ Datasheet HTML 84Page - Analog Devices AD9136-EBZ Datasheet HTML 85Page - Analog Devices AD9136-EBZ Datasheet HTML 86Page - Analog Devices AD9136-EBZ Datasheet HTML 87Page - Analog Devices AD9136-EBZ Datasheet HTML 88Page - Analog Devices AD9136-EBZ Datasheet HTML 89Page - Analog Devices AD9136-EBZ Datasheet HTML 90Page - Analog Devices AD9136-EBZ Datasheet HTML 91Page - Analog Devices AD9136-EBZ Datasheet HTML 92Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 117 page
background image
AD9135/AD9136
Data Sheet
Rev. C | Page 88 of 117
Reg.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
R/W
0x47A
IRQVECTOR_MASK BADDIS_
MASK
NIT_MASK
UCC_
MASK
RESERVED
INITIALLANESYNC_
MASK
BADCHECKSUM
_MASK
FRAMESYNC_
MASK
CODEGRP-
SYNC_MASK
0x00
R/W
0x47A
IRQVECTOR_FLAG BADDIS_
FLAG
NIT_FLAG
UCC_FLAG
RESERVED
INITIALLANESYNC_
FLAG
BADCHECKSUM
_FLAG
FRAMESYNC_
FLAG
CODEGRP-
SYNC_FLAG
0x00
R
0x47B
SYNCASSERTION-
MASK
BADDIS_S NIT_S
UCC_S
CMM
CMM_ENABLE
RESERVED
0x008
R/W
0x47C
ERRORTHRES
ETH
0xFF
R/W
0x47D
LANEENABLE
LANE_ENA
0x0F
R/W
0x47E
RAMP_ENA
RESERVED
ENA_RAMP_
CHECK
0x00
R/W
0x520
DIG_TEST0
RESERVED
DC_TEST_
MODE
RESERVED
0x1C
R/W
0x521
DC_TEST_VALUE0
DC_TEST_VALUE[7:0]
0x00
R/W
0x522
DC_TEST_VALUE1
DC_TEST_VALUE[15:8]
0x00
R/W
DEVICE CONFIGURATION REGISTER DESCRIPTIONS
Table 85. Device Configuration Register Descriptions
Address
Name
Bit No.
Bit Name
Settings
Description
Reset
Access
0x000
SPI_INTFCONFA
7
SOFTRESET_M
Soft Reset (Mirror).
0x0
R
6
LSBFIRST_M
LSB First (Mirror).
0x0
R
5
ADDRINC_M
Address Increment (Mirror).
0x0
R
4
SDOACTIVE_M
SDO Active (Mirror).
0x0
R
3
SDOACTIVE
SDO Active.
0x0
R/W
2
ADDRINC
Address Increment. Controls whether
addresses are incremented or decremented
during multibyte data transfers.
0x0
R/W
1
Addresses are incremented during multibyte
data transfers
0
Addresses are decremented during
multibyte data transfers
1
LSBFIRST
LSB First. Controls whether input and output
data are oriented as LSB first or MSB first.
0x0
R/W
1
Shift LSB in first
0
Shift MSB in first
0
SOFTRESET
Soft Reset. Setting this bit initiates a reset.
This bit is autoclearing after the soft reset is
complete.
0x0
R/W
1
Assert soft reset
0x003
CHIPTYPE
[7:0]
CHIPTYPE
The product type is “High Speed DAC”, which
is represented by a code of 0x04.
0x4
R
0x004
PRODIDL
[7:0]
PRODIDL
Product Identification Low.
0x44
R
0x005
PRODIDH
[7:0]
PRODIDH
Product Identification High.
0x91
R
0x006
CHIPGRADE
[7:4]
PROD_GRADE
Product Grade.
R
AD9136
0x6
R
AD9135
0x4
R
[3:0]
DEV_REVISION
Device Revision.
0x8
R
0x008
SPI_PAGEINDX
[7:2]
RESERVED
Reserved.
0x0
R
[1:0]
DAC_PAGE
DAC Paging. Selects which DAC is accessed
and written to when changing digital features,
such as digital gain, dc offset. This paging
affects Register 0x013 to Register 0x014,
Register 0x034 to Register 0x03D,
Register 0x110 to Register 0x124, and
Register 0x135 to Register 0x14C.
0x3
R/W
0b01
Read and write DAC0
0b10
Read and write DAC1
0b11
Write both DACs; read DAC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com