Electronic Components Datasheet Search
  English  ▼

X  

AD9136-EBZ Datasheet(PDF) 82 Page - Analog Devices

Part # AD9136-EBZ
Description  Digital-to-Analog Converters
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9136-EBZ Datasheet(HTML) 82 Page - Analog Devices

Back Button AD9136-EBZ Datasheet HTML 78Page - Analog Devices AD9136-EBZ Datasheet HTML 79Page - Analog Devices AD9136-EBZ Datasheet HTML 80Page - Analog Devices AD9136-EBZ Datasheet HTML 81Page - Analog Devices AD9136-EBZ Datasheet HTML 82Page - Analog Devices AD9136-EBZ Datasheet HTML 83Page - Analog Devices AD9136-EBZ Datasheet HTML 84Page - Analog Devices AD9136-EBZ Datasheet HTML 85Page - Analog Devices AD9136-EBZ Datasheet HTML 86Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 117 page
background image
AD9135/AD9136
Data Sheet
Rev. C | Page 82 of 117
REGISTER MAPS AND DESCRIPTIONS
In the following tables, register addresses (Reg. column) and reset (Reset column) values are hexadecimal and in the read/write (R/W)
column, R means read only, W means write only, R/W means read/write, and N/A means not applicable. All values in the register address
and reset columns are hexadecimal numbers.
DEVICE CONFIGURATION REGISTER MAP
Table 84. Device Configuration Register Map
Reg.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
R/W
0x000
SPI_INTFCONFA
SOFT
RESET_M
LSBFIRST_
M
ADDRINC_M
SDOACTIVE_M
SDOACTIVE
ADDRINC
LSBFIRST
SOFTRESET
0x00
R/W
0x003
CHIPTYPE
CHIPTYPE
0x04
R
0x004
PRODIDL
PRODIDL
0x44
R
0x005
PRODIDH
PRODIDH
0x91
R
0x006
CHIPGRADE
PROD_GRADE
DEV_REVISION
0x48/
0x68
R
0x008
SPI_PAGEINDX
RESERVED
DAC_PAGE
0x03
R/W
0x00A
SCRATCH_PAD
SCRATCHPAD
0x00
R/W
0x011
PWRCNTRL0
PD_BG
PD_DAC_0 RESERVED
PD_DAC_1
RESERVED
PD_DACM
RESERVED
0x7C
R/W
0x012
TXENMASK
RESERVED
DAC1_MASK
DAC0_MASK 0x00
R/W
0x013
PWRCNTRL3
RESERVED
TX_PROTECT_
OUT
RESERVED
SPI_PROTECT_OUT SPI_PROTECT
RESERVED
0x20
R/W
0x014
GROUP_DLY
RESERVED
GROUP_DLY
0x88
R/W
0x01F
IRQEN_
STATUSMODE0
IRQEN_
SMODE_
CALPASS
IRQEN_
SMODE_
CALFAIL
IRQEN_
SMODE_
DACPLLLOST
IRQEN_SMODE_
DACPLLLOCK
IRQEN_SMODE_
SERPLLLOST
IRQEN_SMODE_
SERPLLLOCK
IRQEN_
SMODE_
LANEFIFOERR
RESERVED
0x00
R/W
0x020
IRQEN_
STATUSMODE1
RESERVED
IRQEN_SMODE_
PRBS1
RESERVED
IRQEN_
SMODE_
PRBS0
0x00
R/W
0x021
IRQEN_
STATUSMODE2
IRQEN_
SMODE_
PDPERR0
RESERVED
IRQEN_
SMODE_
BLNKDONE0
RESERVED
IRQEN_SMODE_
SYNC_LOCK0
IRQEN_SMODE_
SYNC_ROTATE0
IRQEN_
SMODE_
SYNC_
WLIM0
IRQEN_
SMODE_
SYNC_TRIP0
0x00
R/W
0x022
IRQEN_
STATUSMODE3
IRQEN_
SMODE_
PDPERR1
RESERVED
IRQEN_
SMODE_
BLNKDONE1
RESERVED
IRQEN_SMODE_
SYNC_LOCK1
IRQEN_SMODE_
SYNC_ROTATE1
IRQEN_
SMODE_
SYNC_
WLIM1
IRQEN_
SMODE_
SYNC_TRIP1
0x00
R/W
0x023
IRQ_STATUS0
CALPASS
CALFAIL
DACPLLLOST DACPLLLOCK
SERPLLLOST
SERPLLLOCK
LANEFIFO-
ERR
RESERVED
0x00
R
0x024
IRQ_STATUS1
RESERVED
PRBS1
RESERVED
PRBS0
0x00
R
0x025
IRQ_STATUS2
PDPERR0
RESERVED
BLNKDONE0
RESERVED
SYNC_LOCK0
SYNC_ROTATE0
SYNC_
WLIM0
SYNC_TRIP0 0x00
R
0x026
IRQ_STATUS3
PDPERR1
RESERVED
BLNKDONE1
RESERVED
SYNC_LOCK1
SYNC_ROTATE1
SYNC_
WLIM1
SYNC_TRIP1 0x00
R
0x030
JESD_CHECKS
RESERVED
ERR_DLYOVER ERR_WINLIMIT
ERR_JESDBAD
ERR_KUNSUPP
ERR_
SUBCLASS
ERR_INTSUPP 0x00
R
0x034
SYNC_
ERRWINDOW
RESERVED
ERRWINDOW
0x00
R/W
0x038
SYNC_LASTERR_L
RESERVED
LASTERROR
0x00
R
0x039
SYNC_LASTERR_H LASTUN-
DER
LASTOVER
RESERVED
0x00
R
0x03A
SYNC_CONTROL
SYNC-
ENABLE
SYNCARM
SYNCCLRSTKY SYNCCLRLAST
SYNCMODE
0x00
R/W
0x03B
SYNC_STATUS
SYNC_
BUSY
RESERVED
SYNC_LOCK
SYNC_
ROTATE
SYNC_WLIM
SYNC_
TRIP
0x00
R
0x03C
SYNC_CURRERR_L
RESERVED
CURRERROR
0x00
R
0x03D
SYNC_CURRERR_H CURRUN-
DER
CURROVER
RESERVED
0x00
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com