Electronic Components Datasheet Search
  English  ▼

X  

AD9136-EBZ Datasheet(PDF) 63 Page - Analog Devices

Part # AD9136-EBZ
Description  Digital-to-Analog Converters
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9136-EBZ Datasheet(HTML) 63 Page - Analog Devices

Back Button AD9136-EBZ Datasheet HTML 59Page - Analog Devices AD9136-EBZ Datasheet HTML 60Page - Analog Devices AD9136-EBZ Datasheet HTML 61Page - Analog Devices AD9136-EBZ Datasheet HTML 62Page - Analog Devices AD9136-EBZ Datasheet HTML 63Page - Analog Devices AD9136-EBZ Datasheet HTML 64Page - Analog Devices AD9136-EBZ Datasheet HTML 65Page - Analog Devices AD9136-EBZ Datasheet HTML 66Page - Analog Devices AD9136-EBZ Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 117 page
background image
Data Sheet
AD9135/AD9136
Rev. C | Page 63 of 117
JESD204B Serial Interface Inputs (SERDIN0± to SERDIN7±)
When considering the layout of the JESD204B serial interface
transmission lines, there are many factors to consider to
maintain optimal link performance. Among these factors are
insertion loss, return loss, signal skew, and the topology of the
differential traces.
Insertion Loss
The JESD204B specification limits the amount of insertion loss
allowed in the transmission channel (see Figure 47). The
AD9135/AD9136 equalization circuitry allows significantly
more loss in the channel than is required by the JESD204B
specification. It is still important that the designer of the PCB
minimize the amount of insertion loss by adhering to the
following guidelines:
•
Keep the differential traces short by placing the
AD9135/AD9136 as near to the transmitting logic device
as possible and routing the trace as directly as possible
between the devices.
•
Route the differential pairs on a single plane using a solid
ground plane as a reference.
•
Use a PCB material with a low dielectric constant (<4) to
minimize loss, if possible.
When choosing between the stripline and microstrip
techniques, keep in mind the following considerations: stripline
has less loss (see Figure 48 and Figure 49) and emits less EMI,
but requires the use of vias that can add complexity to the task
of controlling the impedance; whereas microstrip is easier to
implement if the component placement and density allow
routing on the top layer and eases the task of controlling the
impedance.
If using the top layer of the PCB is problematic or the advantages
of stripline are desirable, follow these recommendations:
•
Minimize the number of vias.
•
If possible, use blind vias to eliminate via stub effects and
use micro vias to minimize via inductance.
•
If using standard vias, use the maximum via length to
minimize the stub size. For example, on an 8-layer board,
use Layer 7 for the stripline pair (see Figure 69).
•
For each via pair, place a pair of ground vias adjacent to them
to minimize the impedance discontinuity (see Figure 69).
Figure 69. Minimizing Stub Effect and Adding Ground Vias for Differential
Stripline Traces
Return Loss
The JESD204B specification limits the amount of return loss
allowed in a converter device and a logic device, but does
not specify return loss for the channel. However, every effort
must be made to maintain a continuous impedance on the
transmission line between the transmitting logic device and the
AD9135/AD9136. As mentioned in the Insertion Loss section,
minimizing the use of vias, or eliminating them altogether,
reduces one of the primary sources for impedance mismatches
on a transmission line. Maintain a solid reference beneath
(for microstrip) or above and below (for stripline) the
differential traces to ensure continuity in the impedance of
the transmission line. If the stripline technique is used, follow
the guidelines listed in the Insertion Loss section to minimize
impedance mismatches and stub effects.
Another primary source for impedance mismatch is at either
end of the transmission line, where care must be taken to match
the impedance of the termination to that of the transmission
line. The AD9135/AD9136 handle this internally with a
calibrated termination scheme for the receiving end of the line.
See the Interface Power-Up and Input Termination section for
details on this circuit and the calibration routine.
Signal Skew
There are many sources for signal skew, but the two sources to
consider when laying out a PCB are interconnect skew within a
single JESD204B link and skew between multiple JESD204B
links. In each case, keeping the channel lengths matched to
within 15 mm is adequate for operating the JESD204B link at
speeds of up to 12.4 Gbps. Managing the interconnect skew
within a single link is fairly straightforward. Managing multiple
links across multiple devices is more complex. However, follow
the 15 mm guideline for length matching.
Topology
Structure the differential SERDINx± pairs to achieve 50 Ω to
ground for each half of the pair. Stripline vs. microstrip trade-
offs are described in the Insertion Loss section. In either case,
it is important to keep these transmission lines separated from
potential noise sources such as high speed digital signals and
noisy supplies. If using stripline differential traces, route them
using a coplanar method, with both traces on the same layer.
Although this does not offer more noise immunity than the
broadside routing method (traces routed on adjacent layers),
it is easier to route and manufacture so that the impedance
continuity is maintained. An illustration of broadside vs.
coplanar differential routing techniques is shown in Figure 70.
Figure 70. Broadside vs. Coplanar Differential Stripline Routing Techniques
LAYER 1
LAYER 2
LAYER 3
LAYER 4
LAYER 5
LAYER 6
LAYER 7
LAYER 8
MINIMIZE STUB EFFECT
GND
GND
DIFF–
DIFF+
y
y
y
ADD GROUND VIAS
STANDARD VIA
Tx DIFF A
Tx
DIFF A
Tx
DIFF B
Tx
ACTIVE
Tx DIFF B
Tx ACTIVE
BROADSIDE DIFFERENTIAL Tx LINES
COPLANAR DIFFERENTIAL Tx LINES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com