Electronic Components Datasheet Search
  English  ▼

X  

AD9136-EBZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD9136-EBZ
Description  Digital-to-Analog Converters
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9136-EBZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9136-EBZ Datasheet HTML 4Page - Analog Devices AD9136-EBZ Datasheet HTML 5Page - Analog Devices AD9136-EBZ Datasheet HTML 6Page - Analog Devices AD9136-EBZ Datasheet HTML 7Page - Analog Devices AD9136-EBZ Datasheet HTML 8Page - Analog Devices AD9136-EBZ Datasheet HTML 9Page - Analog Devices AD9136-EBZ Datasheet HTML 10Page - Analog Devices AD9136-EBZ Datasheet HTML 11Page - Analog Devices AD9136-EBZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 117 page
background image
AD9135/AD9136
Data Sheet
Rev. C | Page 8 of 117
SYSREF SIGNAL TO DAC CLOCK TIMING SPECIFICATIONS
AVDD33 = 3.3 V, SIOVDD33 = 3.3 V, IOVDD = 1.8 V, DVDD12 = 1.2 V, CVDD12 = 1.2 V, PVDD12 = 1.2 V, SVDD12 = 1.2 V, VTT = 1.2 V,
TA = −40°C to +85°C, IOUTFS = 20 mA, SYSREF± common-mode voltages = 0.0 V, 0.6 V, 1.25 V, and 2.0 V, unless otherwise noted.
Table 5.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SYSREF DIFFERENTIAL SWING = 0.4 V, SLEW RATE = 1.3 V/ns
Setup Time
AC-coupled
126
ps
DC-coupled
131
ps
Hold Time
AC-coupled
92
ps
DC-coupled
119
ps
SYSREF DIFFERENTIAL SWING = 0.7 V, SLEW RATE = 2.28 V/ns
Setup Time
AC-coupled
96
ps
DC-coupled
104
ps
Hold Time
AC-coupled
77
ps
DC-coupled
95
ps
SYSREF SWING = 1.0 V, SLEW RATE = 3.26 V/ns
Setup Time
AC-coupled
83
ps
DC-coupled
90
ps
Hold Time
AC-coupled
68
ps
DC-coupled
84
ps
DIGITAL INPUT DATA TIMING SPECIFICATIONS
AVDD33 = 3.3 V, SIOVDD33 = 3.3 V, IOVDD = 1.8 V, DVDD12 = 1.2 V, CVDD12 = 1.2 V, PVDD12 = 1.2 V, SVDD12 = 1.2 V, VTT = 1.2 V,
TA = 25°C, IOUTFS = 20 mA, unless otherwise noted.
Table 6.
Parameter
Min
Typ
Max
Unit
LATENCY
Interface
17
PClock1 cycles
Interpolation
1×
66
DAC clock cycles
2×
137
DAC clock cycles
4×
251
DAC clock cycles
8×
484
DAC clock cycles
Inverse Sinc
17
DAC clock cycles
Digital Gain Adjust
12
DAC clock cycles
POWER-UP TIME
60
µs
1 PClock is the AD9135/AD9136 internal processing clock and equals the lane rate ÷ 40.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com