Electronic Components Datasheet Search
  English  ▼

X  

AD9136-EBZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD9136-EBZ
Description  Digital-to-Analog Converters
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9136-EBZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9136-EBZ Datasheet HTML 10Page - Analog Devices AD9136-EBZ Datasheet HTML 11Page - Analog Devices AD9136-EBZ Datasheet HTML 12Page - Analog Devices AD9136-EBZ Datasheet HTML 13Page - Analog Devices AD9136-EBZ Datasheet HTML 14Page - Analog Devices AD9136-EBZ Datasheet HTML 15Page - Analog Devices AD9136-EBZ Datasheet HTML 16Page - Analog Devices AD9136-EBZ Datasheet HTML 17Page - Analog Devices AD9136-EBZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 117 page
background image
AD9135/AD9136
Data Sheet
Rev. C | Page 14 of 117
Pin No.
Mnemonic
Description
61
RESET
Reset. This pin is active low. CMOS levels are determined with respect to IOVDD.
62
SDO
Serial Port Data Output. CMOS levels are determined with respect to IOVDD.
63
SDIO
Serial Port Data Input/Output. CMOS levels are determined with respect to IOVDD.
64
SCLK
Serial Port Clock Input. CMOS levels are determined with respect to IOVDD.
65
CS
Serial Port Chip Select. This pin is active low. CMOS levels are determined with respect to IOVDD.
66
IOVDD
IOVDD Supply for CMOS Input/Output and SPI. Operational for 1.8 V ≤ IOVDD ≤ 3.3 V.
67
AVDD33
3.3 V Analog Supply for DAC Cores.
68
DNC
Do not connect to this pin.
69
DNC
Do not connect to this pin.
70
DNC
Do not connect to this pin.
71
CVDD12
1.2 V Clock Supply. Place bypass capacitors as near as possible to Pin 71.
72
LDO24
2.4 V LDO. Requires a 1 µF capacitor to ground.
73
OUT1−
DAC1 Negative Current Output.
74
OUT1+
DAC1 Positive Current Output.
75
AVDD33
3.3 V Analog Supply for DAC Cores.
76
CVDD12
1.2 V Clock Supply. Place bypass capacitors as near as possible to Pin 76.
77
AVDD33
3.3 V Analog Supply for DAC Cores.
78
DNC
Do not connect to this pin.
79
DNC
Do not connect to this pin.
80
DNC
Do not connect to this pin.
81
CVDD12
1.2 V Clock Supply. Place bypass capacitors as near as possible to Pin 81.
82
LDO24
2.4 V LDO. Requires a 1 µF capacitor to ground.
83
OUT0−
DAC0 Negative Current Output.
84
OUT0+
DAC0 Positive Current Output.
85
AVDD33
3.3 V Analog Supply for DAC Cores.
86
I120
Output Current Generation Pin for DAC Full-Scale Current. Tie a 4 kΩ resistor from the I120 pin to ground.
87
CVDD12
1.2 V Clock Supply. Place bypass capacitors as near as possible to Pin 87.
88
LDO_BYP2
LDO Clock Bypass for DAC PLL. This pin requires a 1 Ω resistor in series with a 1 µF capacitor to ground.
EPAD
Exposed Pad. The exposed pad must be securely connected to the ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com