Electronic Components Datasheet Search
  English  ▼

X  

AD9136-EBZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD9136-EBZ
Description  Digital-to-Analog Converters
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9136-EBZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9136-EBZ Datasheet HTML 13Page - Analog Devices AD9136-EBZ Datasheet HTML 14Page - Analog Devices AD9136-EBZ Datasheet HTML 15Page - Analog Devices AD9136-EBZ Datasheet HTML 16Page - Analog Devices AD9136-EBZ Datasheet HTML 17Page - Analog Devices AD9136-EBZ Datasheet HTML 18Page - Analog Devices AD9136-EBZ Datasheet HTML 19Page - Analog Devices AD9136-EBZ Datasheet HTML 20Page - Analog Devices AD9136-EBZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 117 page
background image
Data Sheet
AD9135/AD9136
Rev. C | Page 17 of 117
Figure 10. Two-Tone Third IMD (IMD3) vs. fOUT,
fDAC = 1966 MHz and 2456 MHz
Figure 11. Two-Tone Third IMD (IMD3) vs. fOUT over Digital Back Off,
fDAC = 983 MHz, Each Tone Is at −6 dBFS
Figure 12. Two-Tone Third IMD (IMD3) vs. fOUT over Digital Back Off,
fDAC = 1966 MHz, Each Tone Is at −6 dBFS
Figure 13. Two-Tone Third IMD (IMD3) vs. fOUT over Tone Spacing at 0 dB
Back Off, fDAC = 983 MHz and 1966 MHz
Figure 14. AD9136 Single-Tone (0 dBFS) NSD vs. fOUT,
fDAC = 983 MHz, 1228 MHz, and 1474 MHz
Figure 15. AD9135 Single-Tone (0 dBFS) NSD vs. fOUT,
fDAC = 983 MHz, 1228 MHz, and 1474 MHz
0
–20
–40
–60
–80
–100
0
100
200
300
400
500
fOUT (MHz)
fDAC = 1966MHz
fDAC = 2456MHz
0
–20
–40
–60
–80
–100
0
100
200
300
400
500
fOUT (MHz)
0dBFS
–6dBFS
–9dBFS
–12dBFS
0
–20
–40
–60
–80
–100
0
100
200
300
400
500
fOUT (MHz)
0dBFS
–6dBFS
–9dBFS
–12dBFS
fDAC = 983MHz
fDAC = 1966MHz
1MHz TONE SPACING
16MHz TONE SPACING
35MHz TONE SPACING
0
–20
–40
–60
–80
–100
0
100
200
300
400
500
fOUT (MHz)
–130
–135
–140
–145
–150
–155
–160
–165
–170
fDAC = 983MHz
fDAC = 1228MHz
fDAC = 1474MHz
0
100
200
300
400
500
fOUT (MHz)
–130
–135
–140
–145
–150
–155
–160
–165
–170
fDAC = 983MHz
fDAC = 1228MHz
fDAC = 1474MHz
0
100
200
300
400
500
fOUT (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com