Electronic Components Datasheet Search
  English  ▼

X  

AD9136-EBZ Datasheet(PDF) 75 Page - Analog Devices

Part # AD9136-EBZ
Description  Digital-to-Analog Converters
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9136-EBZ Datasheet(HTML) 75 Page - Analog Devices

Back Button AD9136-EBZ Datasheet HTML 71Page - Analog Devices AD9136-EBZ Datasheet HTML 72Page - Analog Devices AD9136-EBZ Datasheet HTML 73Page - Analog Devices AD9136-EBZ Datasheet HTML 74Page - Analog Devices AD9136-EBZ Datasheet HTML 75Page - Analog Devices AD9136-EBZ Datasheet HTML 76Page - Analog Devices AD9136-EBZ Datasheet HTML 77Page - Analog Devices AD9136-EBZ Datasheet HTML 78Page - Analog Devices AD9136-EBZ Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 117 page
background image
Data Sheet
AD9135/AD9136
Rev. C | Page 75 of 117
ANALOG OUTPUTS
TRANSMIT DAC OPERATION
Figure 83 shows a simplified block diagram of the transmit path
DACs. The DAC core consists of a current source array, a switch
core, digital control logic, and full-scale output current control.
The DAC full-scale output current (IOUTFS) is nominally 20.48 mA.
The output currents from the OUTx± pins are complementary,
meaning that the sum of the two currents always equals the full-
scale current of the DAC. The digital input code to the DAC
determines the effective differential current delivered to the load.
Figure 83. Simplified Block Diagram of DAC Core
The DAC has a 1.2 V band gap reference. A 4 kΩ external resistor,
RSET, must be connected from the I120 pin to the ground plane.
This resistor, along with the reference control amplifier, sets up
the correct internal bias currents for the DAC. Because the full-
scale current is inversely proportional to this resistor, the
tolerance of RSET is reflected in the full-scale output amplitude.
DACFSC_x (where x is either 0 or 1, corresponding to DAC0 or
DAC1) is a 10-bit twos complement value that controls the full-
scale current of each of the four DAC outputs. These values are
stored in Register 0x040 to Register 0x041 and Register 0x044
to Register 0x045 as shown in Table 74.
The typical full-scale current for each DAC is given by
IOUTFS = 20.45 + (DACFSC_x × 6.55 mA)/2(10 − 1)
For nominal values of VREF (1.2 V), RSET (4 kΩ), and DACFSC_x
(0, which is midscale in twos complement), the full-scale current of
the DAC is nominally 20.48 mA. The DAC full-scale current
can be adjusted from 13.9 mA to 27.0 mA, by programming the
appropriate DACFSC_x values in Register 0x040, Register 0x041,
and Register 0x044, and Register 0x045. Analog output full-scale
current vs. gain DAC code is shown in Figure 84.
Table 74. DAC Full-Scale Current Registers
Address
Value
Description
0x040[1:0]
DACFSC_0[9:8]
DAC0 MSB gain code
0x041[7:0]
DACFSC_0[7:0]
DAC0 LSB gain code
0x044[1:0]
DACFSC_1[9:8]
DAC1 MSB gain code
0x045[7:0]
DACFSC_1[7:0]
DAC1 LSB gain code
Figure 84. DAC Full-Scale Current (IOUTFS) vs. Gain DAC Code
Transmit DAC Transfer Function
The output currents from the OUTx+ and OUTx− pins are
complementary, meaning that the sum of the positive and negative
currents always equals the full-scale current of the DAC. The
digital input code to the DAC determines the effective differential
current delivered to the load. OUTx± provides the maximum
output current when all bits are high for binary data. The
output currents vs. DACCODE for the DAC outputs using
binary format are expressed as
OUTFS
N
BIN
OUTP
I
DACCODE
I
×
=
1
–
2
(5)
IOUTN = IOUTFS − IOUTP
(6)
where DACCODEBIN is the 11-/16-bit input to the DAC in
unsigned binary. DACCODEBIN has a range of 0 to 2N − 1.
If the data format is twos complement, the output currents are
expressed as
OUTFS
N
N
TWOS
OUTP
I
DACCODE
I
×
+
=
1
–
2
2
1
–
(7)
IOUTN = IOUTFS − IOUTP
(8)
where DACCODETWOS is the 11-/16-bit input to the DAC in twos
complement. DACCODETWOS has a range of −2N − 1 to 2N − 1 − 1.
Powering Down Unused DACs
Power down any unused DAC outputs to avoid burning excess
power. The DAC power downs are located in Register 0x011.
Register 0x011, Bit 6 corresponds to DAC0, and Bit 4 to DAC1.
Write a 1 to each bit to power down the appropriate DACs.
Register 0x011, Bit 7 and Bit 2, must stay low to enable the band
gap and DAC master bias, respectively.
OUT1+
OUT1–
OUT0+
OUT0–
CURRENT
SCALING
DAC1
FULL-SCALE
ADJUST
DAC0
FULL-SCALE
ADJUST
1.2V
4kΩ
I120
DAC1
DAC0
28
0
1024
896
768
640
512
GAIN DAC CODE
384
256
128
26
24
22
20
18
16
14
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com