Electronic Components Datasheet Search
  English  ▼

X  

AD9136-EBZ Datasheet(PDF) 67 Page - Analog Devices

Part # AD9136-EBZ
Description  Digital-to-Analog Converters
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9136-EBZ Datasheet(HTML) 67 Page - Analog Devices

Back Button AD9136-EBZ Datasheet HTML 63Page - Analog Devices AD9136-EBZ Datasheet HTML 64Page - Analog Devices AD9136-EBZ Datasheet HTML 65Page - Analog Devices AD9136-EBZ Datasheet HTML 66Page - Analog Devices AD9136-EBZ Datasheet HTML 67Page - Analog Devices AD9136-EBZ Datasheet HTML 68Page - Analog Devices AD9136-EBZ Datasheet HTML 69Page - Analog Devices AD9136-EBZ Datasheet HTML 70Page - Analog Devices AD9136-EBZ Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 117 page
background image
Data Sheet
AD9135/AD9136
Rev. C | Page 67 of 117
Table 62. Digital Gain Registers
Register
Bit Name
Description
0x111[5]
DIG_GAIN_ENABLE
Set to 1 to enable digital gain
0x13C[7:0]
DAC_DIG_GAIN[7:0]
LSB gain code
0x13D[3:0]
DAC_DIG_GAIN[11:8]
MSB gain code
DC Offset
The dc offset feature is used to individually offset the data into
the I or Q DAC. This feature can be used to cancel LO leakage.
The offset is programmed as a 16-bit twos complement number
in LSBs, plus a 5-bit twos complement number in 16ths of an LSB,
as shown in Table 63. DC offset is paged as described in the
DAC Paging section.
−215 ≤ LSBs Offset < 215
−16 ≤ Sixteenths Offset ≤ 15
where
LSBs Offset is the value of Register 0x136 and Register 0x137.
Sixteenths Offset is the value of Register 0x13A.
Table 63. DC Offset Registers
Register
Bit Name
Description
0x135[0]
DC_OFFSET_ON
Set to 1 to enable dc offset
0x136[7:0]
LSB_OFFSET[7:0]
LSB dc offset code
0x137[7:0]
LSB_OFFSET[15:8]
MSB dc offset code
0x13A[4:0]
SIXTEENTH_OFFSET
Sub-LSB dc offset code
Group Delay
Group delay can be used to delay the I or Q channels. This can
be useful, for example, for DPD loop delay adjustment.
−4 ≤ DAC Clock Cycles ≤ 3.5
Group Delay = (DAC Clock Cycles × 2) + 8
where Group Delay is a 4-bit twos complement number.
Write the GroupDelay to the GROUP_DLY register
(Register 0x014[3:0]). This feature is paged as described in the
DAC Paging section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com