Electronic Components Datasheet Search
  English  ▼

X  

AD9136-EBZ Datasheet(PDF) 94 Page - Analog Devices

Part # AD9136-EBZ
Description  Digital-to-Analog Converters
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9136-EBZ Datasheet(HTML) 94 Page - Analog Devices

Back Button AD9136-EBZ Datasheet HTML 90Page - Analog Devices AD9136-EBZ Datasheet HTML 91Page - Analog Devices AD9136-EBZ Datasheet HTML 92Page - Analog Devices AD9136-EBZ Datasheet HTML 93Page - Analog Devices AD9136-EBZ Datasheet HTML 94Page - Analog Devices AD9136-EBZ Datasheet HTML 95Page - Analog Devices AD9136-EBZ Datasheet HTML 96Page - Analog Devices AD9136-EBZ Datasheet HTML 97Page - Analog Devices AD9136-EBZ Datasheet HTML 98Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 117 page
background image
AD9135/AD9136
Data Sheet
Rev. C | Page 94 of 117
Address
Name
Bit No.
Bit Name
Settings
Description
Reset
Access
1
ERR_SUBCLASS
Unsupported Subclass Value. 0 and 1 are
supported.
0x0
R
1
Unsupported subclass value
0
ERR_INTSUPP
Unsupported Interpolation Rate Factor. 1, 2,
4, 8 are supported.
0x0
R
1
Unsupported interpolation rate factor
0x034
SYNC_ERRWINDOW
[7:2]
RESERVED
Reserved.
0x0
R
[1:0]
ERRWINDOW
LMFC Sync Error Window. The error window
allows the SYSREF sample phase to vary
within the confines of the window without
triggering a clock adjustment. This is useful if
SYSREF cannot be guaranteed to always
arrive in the same period of the device clock
associated with the target phase.
Error window tolerance = ± ERRWINDOW
0x0
R/W
0x038
SYNC_LASTERR_L
[7:4]
RESERVED
Reserved.
0x0
R
[3:0]
LASTERROR
LMFC Sync Last Alignment Error. 4-bit twos
complement value that represents the phase
error (in number of DAC clock cycles) when the
clocks were last adjusted.
R
0x039
SYNC_LASTERR_H
7
LASTUNDER
LMFC Sync Last Error Under Flag.
0x0
R
1
Last phase error was beyond lower window
tolerance boundary
6
LASTOVER
LMFC Sync Last Error Over Flag.
0x0
R
1
Last phase error was beyond upper window
tolerance boundary
[5:0]
RESERVED
Reserved.
0x0
R
0x03A
SYNC_CONTROL
7
SYNCENABLE
LMFC Sync Logic Enable.
0x0
R/W
1
Enable sync logic
0
Disable sync logic
6
SYNCARM
LMFC Sync Arming Strobe.
0x0
R/W
1
Sync one-shot armed
5
SYNCCLRSTKY
LMFC Sync Sticky Bit Clear. On a rising edge,
this bit clears SYNC_ROTATE and SYNC_TRIP.
0x0
R/W
4
SYNCCLRLAST
LMFC Sync Clear Last Error. On a rising edge,
this bit clears LASTERROR, LASTUNDER,
LASTOVER.
0x0
R/W
[3:0]
SYNCMODE
LMFC Sync Mode.
0x0
R/W
0b0001
Sync one-shot mode
0b0010
Sync continuous mode
0b1000
Sync monitor only mode
0b1001
Sync one-shot, then monitor
0x03B
SYNC_STATUS
7
SYNC_BUSY
LMFC Sync Machine Busy.
0x0
R
1
Sync logic SM is busy
[6:4]
RESERVED
Reserved.
0x0
R
3
SYNC_LOCK
LMFC Sync Alignment Locked.
0x0
R
1
Sync logic aligned within window
2
SYNC_ROTATE
LMFC Sync Rotated.
0x0
R
1
Sync logic rotated with SYSREF (sticky)
1
SYNC_WLIM
LMFC Sync Alignment Limit Range.
0x0
R
1
Phase error outside window threshold
0
SYNC_TRIP
LMFC Sync Tripped After Arming.
0x0
R
1
Sync received SYSREF pulse (sticky)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com