Electronic Components Datasheet Search
  English  ▼

X  

GS3590 Datasheet(PDF) 29 Page - Semtech Corporation

Part # GS3590
Description  Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3590 Datasheet(HTML) 29 Page - Semtech Corporation

Back Button GS3590 Datasheet HTML 25Page - Semtech Corporation GS3590 Datasheet HTML 26Page - Semtech Corporation GS3590 Datasheet HTML 27Page - Semtech Corporation GS3590 Datasheet HTML 28Page - Semtech Corporation GS3590 Datasheet HTML 29Page - Semtech Corporation GS3590 Datasheet HTML 30Page - Semtech Corporation GS3590 Datasheet HTML 31Page - Semtech Corporation GS3590 Datasheet HTML 32Page - Semtech Corporation GS3590 Datasheet HTML 33Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 118 page
background image
GS3590
Final Data Sheet Rev.4
PDS-061414 September 2017
29 of 118
Semtech
Proprietary & Confidential
www.semtech.com
4.5 PRBS Checker
The GS3590 includes an integrated PRBS Checker, which can error check a PRBS7 signal
out of the trace or cable equalizer input blocks.
There are two modes of operation for the PRBS checker:
•
Timed Mode: Used for precise measurements of up to ~3.34s
In Timed Mode, the host sets the measurement time and executes the
checker operation. The device ends the PRBS error check measurement
when the timer expires, and the host reads back the measurement status
and error count
•
Continuous Mode: Can be used for longer measurements but with less precision in
the time interval
In Continuous Mode, the host controls the starts and stops of the PRBS error
checking operation then reads back the measurement status and error count
Note: When working with the PRBS Checker, please note the following:
•
The parameters referred to in Section 4.5 to Section 4.5.2 are briefly described and
linked to their respective registers in Table 4-5
•
The PRBS Generator and Checker can be active at the same time. However, the
Generator can not be looped-back on itself for error checking
4.5.1 Timed PRBS Check Measurement Procedure
For applications where measurement times are ~3.34s or less, the timed PRBS check
mode is the most suitable. Alternatively, to achieve precise timing for lower BER signals,
the timed PRBS check measurement can be repeated by the host and the total
measurement time and error count is determined by summing the individual
measurements.
In timed mode, the host sets the total measurement time by setting the
CFG_PRBS_CHECK_PREDIVIDER and the CFG_PRBS_CHECK_MEAS_TIME
parameters to the required values to achieve the total measurement time required by
the application.
To perform a timed PRBS measurement, please complete the following steps:
1. Set the appropriate settings within CFG_PRBS_CHECK_PREDIVIDER and
CFG_PRBS_CHECK_MEAS_TIME to achieve the total measurement time
required by the application. The TMT (Total Measurement Time) is determined
by the following equation:
TMT = CFG_PRBS_CHECK_PREDIVIDER * (CFG_PRBS_CHECK_MEAS_TIME
*256+1) * (1/40MHz)
Note: Using the default CFG_PRBS_CHECK_PREDIVIDER setting of 0
(pre-divider = 4) and CFG_PRBS_CHECK_MEAS_TIME setting of 3
(MEAS_TIME = 3), the TMT is ~77μs per measurement.
2. Follow the steps outlined in the flowchart found within Figure 4-4: Timed PRBS
Check Flow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com