Electronic Components Datasheet Search
  English  ▼

X  

GS3590 Datasheet(PDF) 9 Page - Semtech Corporation

Part # GS3590
Description  Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3590 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button GS3590 Datasheet HTML 5Page - Semtech Corporation GS3590 Datasheet HTML 6Page - Semtech Corporation GS3590 Datasheet HTML 7Page - Semtech Corporation GS3590 Datasheet HTML 8Page - Semtech Corporation GS3590 Datasheet HTML 9Page - Semtech Corporation GS3590 Datasheet HTML 10Page - Semtech Corporation GS3590 Datasheet HTML 11Page - Semtech Corporation GS3590 Datasheet HTML 12Page - Semtech Corporation GS3590 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 118 page
background image
GS3590
Final Data Sheet Rev.4
PDS-061414 September 2017
9 of 118
Semtech
Proprietary & Confidential
www.semtech.com
2. Electrical Characteristics
2.1 Absolute Maximum Ratings
Table 2-1: Absolute Maximum Ratings
Parameter
Value
Supply Voltage—Core (VCC_DDI, 
VCC_CORE, VDD)
-0.5V to +2.2V
Supply Voltage—Output Driver
VCCO_0
-0.5V to +2.8V
VCCO_1
-0.5V to +2.8V
Input ESD Voltage (any pin)
3kV HBM
Storage Temperature Range (TS)
-50°C to +125°C
Input Voltage Range (SDIO)
-0.3 to (VCCO_0 + 0.3)V
Input Voltage Range (GPIO2, GPIO3)
-0.3 to (VCC_CORE + 0.3)V
Input Voltage Range (CS, SDIN, SCLK,
VSS, VDD, GPIO0, GPIO1)
-0.3 to (VDD +0.3)V
Solder Reflow Temperature
260°C
Note: Absolute Maximum Ratings are those values beyond which damage may occur.
Functional operation outside of the ranges shown in the AC/DC electrical characteristics
tables is not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com