| Electronic Components Datasheet Search |
|
GS3590 Datasheet(PDF) 22 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
GS3590 Datasheet(HTML) 22 Page - Semtech Corporation |
|
22 / 118 page ![]() GS3590 Final Data Sheet Rev.4 PDS-061414 September 2017 22 of 118 Semtech Proprietary & Confidential www.semtech.com To help detail how the device determines the state of Squelch, we define the following variables: CLI = STAT_CABLE_LEN_INDICATION THR = CFG_CLI_SQUELCH_THRESHOLD HYS = CFG_CLI_SQUELCH_HYSTERESIS SQL = STAT_CLI_SQUELCH The following rules define the state of SQL. Note: If the cable equalizer is in bypass (STAT_CEQ_BYPASS = 1), the device will set SQL to 0. If CLI > (THR + HYS), the device will set SQL to 1, otherwise: If CLI < (THR - HYS), the device will set SQL to 0, otherwise: If CLI ≥ (THR - HYS) and CLI ≤ (THR + HYS), SQL remains unchanged. If SQL = 1, the device will not indicate lock and the trace driver state will be defined by output state control parameters settings, see Section 4.8.7 for more details. Table 4-1: Cable Equalizer Status and Configuration Parameters Register Addressh and Name Parameter Name Parameter Description 15, CARR_ DET_CFG CFG_SEC_CD_INCL_CLI_SQUELCH Enables or disables squelch control. 16, SQUELCH_ PARAMETERS CFG_CLI_SQUELCH_THRESHOLD Used to tune the squelch threshold based on the tolerance requirements of the application. CFG_CLI_SQUELCH_HYSTERESIS Used to tune the squelch hysteresis based on the tolerance requirements of the application. 20, CD_FILTER_ DELAYS_0 CFG_CD_FILTER_SAMPLE_WIN Primary carrier detect sampling window size. 21, CD_FILTER_ DELAYS_1 CFG_CD_FILTER_DEASSERT_CNT Primary carrier detect de-assertion count. 22, CD_FILTER_ DELAYS_2 CFG_CD_FILTER_ASSERT_CNT Primary carrier detect assertion count. 84, STICKY_ COUNTS_0 STAT_CNT_PRI_CD_CHANGES A counter showing the number of times the primary Carrier Detect signal changed. STAT_CNT_SEC_CD_CHANGES A counter showing the number of times the secondary Carrier Detect signal changed. 86, CURRENT_ STATUS_0 STAT_CLI_SQUELCH Cable equalizer Squelch status. 87, CURRENT_ STATUS_1 STAT_PRI_CD Primary filtered carrier detect of the analogue carrier detect signal. STAT_SEC_CD Secondary filtered carrier detect of the analogue carrier detect signal. 88, EQ_GAIN_IND STAT_CABLE_LEN_INDICATION SDIO cable length indication when in cable equalizer mode. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |