Electronic Components Datasheet Search
  English  ▼

X  

GS3590 Datasheet(PDF) 96 Page - Semtech Corporation

Part # GS3590
Description  Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3590 Datasheet(HTML) 96 Page - Semtech Corporation

Back Button GS3590 Datasheet HTML 92Page - Semtech Corporation GS3590 Datasheet HTML 93Page - Semtech Corporation GS3590 Datasheet HTML 94Page - Semtech Corporation GS3590 Datasheet HTML 95Page - Semtech Corporation GS3590 Datasheet HTML 96Page - Semtech Corporation GS3590 Datasheet HTML 97Page - Semtech Corporation GS3590 Datasheet HTML 98Page - Semtech Corporation GS3590 Datasheet HTML 99Page - Semtech Corporation GS3590 Datasheet HTML 100Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 118 page
background image
GS3590
Final Data Sheet Rev.4
PDS-061414 September 2017
96 of 118
Semtech
Proprietary & Confidential
www.semtech.com
39
OUTPUT_
PARAM_
TD_BYPASS_1
RSVD
15:14
R/W
0
Reserved—do not modify.
CFG_OUTPUT1_TD_
BYPASS_DRIVER_
SWING
13:8
R/W
11
Configure the Trace Driver Bypass
amplitude.
Range = 0d to 40d
Adjust the differential Trace Driver
amplitude. The default value produces
an amplitude of 400mVppd.
Note: When per rate settings are
chosen, the Trace Driver Bypass settings
are applied for all rates when CDR is
unlocked (see CTRL_OUTPUT1_TRDR_
PER_RATE for per rate setting).
RSVD
7:0
R/W
70
Reserved—do not modify.
3A
RSVD
RSVD
15:0
R/W
201
Reserved—do not modify.
3B
RSVD
RSVD
15:0
R/W
1170
Reserved—do not modify.
3C
RSVD
RSVD
15:0
R/W
342
Reserved—do not modify.
3D
RSVD
RSVD
15:0
R/W
1C90
Reserved—do not modify.
3E
RSVD
RSVD
15:0
R/W
342
Reserved—do not modify.
3F
RSVD
RSVD
15:0
R/W
1C90
Reserved—do not modify.
40
RSVD
RSVD
15:0
R/W
340
Reserved—do not modify.
41
OUTPUT_
PARAM_
MUTE_1
RSVD
15:14
R/W
0
Reserved—do not modify.
CFG_OUTPUT1_MUTE_
DRIVER_SWING
13:8
R/W
8
Controls the output mute differential
latch voltage. Default is 8=~200mVdiff.
Increasing the setting may be required
for noisy environment, but mute power
increases proportionally to mute
differential latch voltage.
Range = 0d to 63d
RSVD
7:0
R/W
50
Reserved—do not modify.
42
RSVD
RSVD
15:0
R/W
340
Reserved—do not modify.
43
RSVD
RSVD
15:0
R/W
850
Reserved—do not modify.
44
RSVD
RSVD
15:0
R/W
342
Reserved—do not modify.
45
RSVD
RSVD
15:0
R/W
1C90
Reserved—do not modify.
46
RSVD
RSVD
15:0
R/W
342
Reserved—do not modify.
47
RSVD
RSVD
15:0
R/W
1C90
Reserved—do not modify.
Table 5-3: Control Register Descriptions (Continued)
Addressh
Register
Name
Parameter Name
Bit
Slice
R/W
Reset
Valueh
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com