Electronic Components Datasheet Search
  English  ▼

X  

GS3590 Datasheet(PDF) 72 Page - Semtech Corporation

Part # GS3590
Description  Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3590 Datasheet(HTML) 72 Page - Semtech Corporation

Back Button GS3590 Datasheet HTML 68Page - Semtech Corporation GS3590 Datasheet HTML 69Page - Semtech Corporation GS3590 Datasheet HTML 70Page - Semtech Corporation GS3590 Datasheet HTML 71Page - Semtech Corporation GS3590 Datasheet HTML 72Page - Semtech Corporation GS3590 Datasheet HTML 73Page - Semtech Corporation GS3590 Datasheet HTML 74Page - Semtech Corporation GS3590 Datasheet HTML 75Page - Semtech Corporation GS3590 Datasheet HTML 76Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 118 page
background image
GS3590
Final Data Sheet Rev.4
PDS-061414 September 2017
72 of 118
Semtech
Proprietary & Confidential
www.semtech.com
Step 2 – GSPI Access Allowed
a) Host sets EYE_MON_INT_CFG_3 (register address 0x57) to 0x8006.
b) If there are multiple devices on the GSPI chain, the host should configure the unit
address of each device. See Section 4.10.9 for further information on unit
addressing.
c) Host sets custom application specific settings.
d) Normal operation begins.
Figure 4-39: Power-Up Sequence.
4.10.13 Host Initiated Device Reset
The GS3590 includes a reset function accessible via the device's host interface, which
reverts all internal logic and register values to their default values.
The device can be reset with a single write of AD00h to the RESET_CONTROL bits of the
CONTROL_RESET register, which will assert and de-assert the device reset within the
duration of the GSPI write access Data Word.
The device can be placed and held in reset by writing AA00h to the RESET_CONTROL
bits of the CONTROL_RESET register. Subsequent writes of DD00h to the
RESET_CONTROL bits will de-assert device reset.
The current state of user-initiated device reset can be read from the RESET_CONTROL
bits of CONTROL_RESET register.
While in reset, host interface access to any other register will not be functional and all
logic and configuration registers will be in reset state. While in reset, serial digital
differential output behaviour is undefined. The digital logic and registers within the
device will exit the reset state 5ms after device reset is de-asserted.
The following timing sequence must be observed to initiate a device reset.
5.11 ms – no GSPI Access Allowed
All blocks reset.
All devices that
received reset
command will
have their unit
address reset to
0.
After Completion of Reset, device
automatically initiates default
configuration boot-up.
Eye Monitor
Reset:
Host
writes 0x8006
to register 0x57
at unit address
0.
Command will
be broadcast to
all devices that
were reset.
Normal Operation Begins.
Host must reconfigure the unit addresses of
devices that were reset to 0.
After which, host may read/write any
register of a specific device on the chain, or
use broadcast write to concurrently write a
command to all devices on the GSPI chain.
Application Defined GSPI Read/Write
Access.
Eye
Monitor
Reset.
Default
Configuration
Boot-Up
Complete.
5 ms
110 μs
Internal Reset
Sequence
Complete.
Host writes
0xAD00 to
Register 0x007F
to reset device.
Host may reset
all devices by
using broadcast
mode.
GSPI Access..
Device
Configuration
Booting.
Device Blocks
Resetting.
GSPI Access Allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com