Electronic Components Datasheet Search
  English  ▼

X  

GS3590 Datasheet(PDF) 78 Page - Semtech Corporation

Part # GS3590
Description  Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3590 Datasheet(HTML) 78 Page - Semtech Corporation

Back Button GS3590 Datasheet HTML 74Page - Semtech Corporation GS3590 Datasheet HTML 75Page - Semtech Corporation GS3590 Datasheet HTML 76Page - Semtech Corporation GS3590 Datasheet HTML 77Page - Semtech Corporation GS3590 Datasheet HTML 78Page - Semtech Corporation GS3590 Datasheet HTML 79Page - Semtech Corporation GS3590 Datasheet HTML 80Page - Semtech Corporation GS3590 Datasheet HTML 81Page - Semtech Corporation GS3590 Datasheet HTML 82Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 118 page
background image
GS3590
Final Data Sheet Rev.4
PDS-061414 September 2017
78 of 118
Semtech
Proprietary & Confidential
www.semtech.com
5.3 Register Descriptions
5.3.1 Control Register Descriptions
Table 5-3: Control Register Descriptions
Addressh
Register
Name
Parameter Name
Bit
Slice
R/W
Reset
Valueh
Description
0
CONTROL_
REG
RSVD
15:15
RW
0
Reserved — do not modify.
GSPI_LINK_DISABLE
14:14
RW
0
0 = Enable loop-through. SDIN pin is
looped through to the SDOUT pin
1 = Disable loop-through. Data
appearing at SDIN does not appear at
SDOUT, and SDOUT pin is HIGH
GSPI_BUS_THROUGH_
ENABLE
13:13
RW
0
0 = Disable bus-through mode
1 = Enable bus-through mode
DEV_UNIT_ADDRESS
4:0
RW
0
Device address programmed by
application. See Section 4.10.9 for
further information.
1
DEVICE_ID
DEVICE_VERSION
15:0
RO
—
This register contains the device’s
identification, including revision.
Contact the local technical sales
representative for details.
2
RSVD
RSVD
15:0
R/W
0
Reserved—do not modify.
7F
CONTROL_
RESET
RESET_CONTROL
15:0
R/W
DD00
Device Reset, Reverts all internal logic
and register values to defaults.
Write Values:
AA00h = Asserts device reset
DD00h = De-assert device reset
AD00h = Assert/de-assert device reset in
a single write
Read Values:
AA00h = User-initiated reset is asserted
DD00h = User-initiated reset is
de-asserted
See Section 4.10.13 for further
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com