| Electronic Components Datasheet Search |
|
GS3590 Datasheet(PDF) 47 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
GS3590 Datasheet(HTML) 47 Page - Semtech Corporation |
|
47 / 118 page ![]() GS3590 Final Data Sheet Rev.4 PDS-061414 September 2017 47 of 118 Semtech Proprietary & Confidential www.semtech.com 4.8.3 PBRS Generator on SDIO and DDO The Trace Driver and Cable Driver can be configured as a PRBS Generator. To select the PRBS Generator on SDO1 ensure that the device is in cable driver mode and write 1b to parameter CTRL_OUTPUT0_SIGNAL_SEL in register 0x48. The default value of this bit is 0b (data mode). To select the PRBS Generator on DDO, ensure that the device is in Trace Driver Mode and write 1b to parameter CTRL_OUTPUT1_SIGNAL_SEL in register 0x48. The default value of this bit is 0b (data mode). To configure and enable the PRBS Generator, see Section 4.7 PRBS Generator. 4.8.4 Output Driver Data Rate Selection The following information describes the default output driver configuration for each operational mode, and how to modify them if required by the application. Cable Driver Mode In cable driver mode, with default settings active, the GS3590 uses the output driver and slew rate group settings for the data rate to which the CDR is locked. When the CDR is unlocked it will use the Bypass rate group: CFG_OUTPUT0_CD_BYPASS_DRIVER_SWING CFG_OUTPUT0_CD_BYPASS_PREEMPH_WIDTH CFG_OUTPUT0_CD_BYPASS_PREEMPH_AMPL CFG_OUTPUT0_CD_BYPASS_PREEMPH_PWRDWN If required, manual selection of the output driver and slew rate group is possible using the following steps: 1. Set CTRL_OUTPUT0_AUTO_SLEW = 0 2. Set CTRL_OUTPUT0_MANUAL_SLEW to the desired rate group. The slew rate options are as follows: 0 = SD/MADI 1 = HD/3G Trace Driver Mode In trace driver mode, with default settings active, the GS3590 uses the SD trace driver output group settings for all data rates, regardless of CDR lock condition or data rate being applied. The following parameters are used to control the output for all data rates in the default condition: CFG_OUTPUT1_TD_SD_DRIVER_SWING CFG_OUTPUT1_TD_SD_PREEMPH_WIDTH CFG_OUTPUT1_TD_SD_PREEMPH_AMPL CFG_OUTPUT1_TD_SD_PREEMPH_PWRDWN If required, per-rate selection of the trace driver output group setting is possible by setting CTRL_OUTPUT1_TRDR_PER_RATE = 1. Once set, the trace driver output group will be determined by the rate to which the CDR is locked. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |