Electronic Components Datasheet Search
  English  ▼

X  

GS3590 Datasheet(PDF) 62 Page - Semtech Corporation

Part # GS3590
Description  Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3590 Datasheet(HTML) 62 Page - Semtech Corporation

Back Button GS3590 Datasheet HTML 58Page - Semtech Corporation GS3590 Datasheet HTML 59Page - Semtech Corporation GS3590 Datasheet HTML 60Page - Semtech Corporation GS3590 Datasheet HTML 61Page - Semtech Corporation GS3590 Datasheet HTML 62Page - Semtech Corporation GS3590 Datasheet HTML 63Page - Semtech Corporation GS3590 Datasheet HTML 64Page - Semtech Corporation GS3590 Datasheet HTML 65Page - Semtech Corporation GS3590 Datasheet HTML 66Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 118 page
background image
GS3590
Final Data Sheet Rev.4
PDS-061414 September 2017
62 of 118
Semtech
Proprietary & Confidential
www.semtech.com
For read operations, the SDOUT pin is used to output data read from an internal
Configuration and Status Register (CSR) when CS is LOW. Data is shifted out of the device
on the falling edge of SCLK, so that it can be read by the host processor or other
downstream connected device on the subsequent SCLK rising edge.
4.10.3.1 GSPI Link Disable Operation
It is possible to disable the direct SDIN to SDOUT (Loop-Through) connection by writing
a value of 1 to the GSPI_LINK_DISABLE bit in CONTROL_REG. When disabled, any data
appearing at the SDIN pin will not appear at the SDOUT pin and the SDOUT pin is HIGH.
Note: Disabling the Loop-Through operation is temporarily required when initializing
the Unit Address for up to 32 connected devices.
The time required to enable/disable the Loop-Through operation from assertion of the
register bit is less than the GSPI configuration command delay as defined by the
parameter tcmd_GSPI_config (4 SCLK cycles).
Figure 4-23: GSPI_LINK_DISABLE Operation
4.10.3.2 GSPI Bus-Through Operation
Using GSPI Bus-Through operation, the GS3590 can share a common PCB trace with
other GSPI devices for SDOUT output.
When configured for Bus-Through operation, by setting
GSPI_BUS_THROUGH_ENABLE bit to 1, the SDOUT pin will be high-impedance when
the CS pin is HIGH.
When the CS pin is LOW, the SDOUT pin will be driven and will follow regular read and
write operation as described in Section 4.10.3.
Table 4-11: GSPI_LINK_DISABLE Bit Operation
Bit State
Description
0
SDIN pin is looped through to the SDOUT pin
1
Data appearing at SDIN does not appear at SDOUT, and SDOUT pin is HIGH.
SDIN pin
SDOUT pin
GSPI_LINK
_DISABLE
BUS_THROUGH_
ENABLE
CS pin
High-Z
Configuration and
Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com