Electronic Components Datasheet Search
  English  ▼

X  

GS3590 Datasheet(PDF) 14 Page - Semtech Corporation

Part # GS3590
Description  Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3590 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button GS3590 Datasheet HTML 10Page - Semtech Corporation GS3590 Datasheet HTML 11Page - Semtech Corporation GS3590 Datasheet HTML 12Page - Semtech Corporation GS3590 Datasheet HTML 13Page - Semtech Corporation GS3590 Datasheet HTML 14Page - Semtech Corporation GS3590 Datasheet HTML 15Page - Semtech Corporation GS3590 Datasheet HTML 16Page - Semtech Corporation GS3590 Datasheet HTML 17Page - Semtech Corporation GS3590 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 118 page
background image
GS3590
Final Data Sheet Rev.4
PDS-061414 September 2017
14 of 118
Semtech
Proprietary & Confidential
www.semtech.com
Serial Data Output Jitter (DDO)
tOJ(125Mb/s)
Belden 1694A: 400m
—
0.02
0.1
UI
2
tOJ(270Mb/s)
Belden 1694A: 400m
—
0.02
0.1
UI
2
tOJ(1.485Gb/s)
Belden 1694A: 240m
—
0.02
0.1
UI
2
tOJ(2.97Gb/s)
Belden 1694A: 160m
—
0.04
0.1
UI
2
Cable Driver Mode Characteristics
Differential Input
Voltage Swing
V
DDI
—
200
—
800
mVppd
—
BNC Output Voltage Swing
VSDIO, VSDO
—
720
800
880
mVpp
4
Input Trace Equalization
3G
—
60
—
Inches
13dB, 9
HD
—
60
—
Inches
6dB, 9
SD
—
60
—
Inches
3dB, 9
MADI
—
60
—
Inches
3dB, 9
Intrinsic Input Jitter Tolerance
IIJT
MADI/SD/HD/3G
0.8
0.95
—
UI
—
PLL Lock Time—
Asynchronous
tALOCK
Referenceless with MADI
rate detection disabled
—
—
16.7
ms
6
Referenceless with MADI
rate detection enabled
——
32
ms
6
PLL Lock Time—Synchronous
tSLOCK
SD
—
—
10
μs
6
HD/3G
—
—
5
μs
6
SDIO, SDO Rise/Fall Time
triseSDIO, tfallSDIO
SD/MADI
400
—
1000
ps
—
HD/3G
—
—
70
ps
—
Bypass
—
—
40
ps
—
SDIO Mismatch
in Rise/Fall Time
SD/MADI
—
—
100
ps
—
HD/3G
—
—
20
ps
—
SDIO Eye Cross Shift
(SDIO, SDO)
SD/MADI
—
—
5
%
—
HD/3G
—
—
8
%
—
SDIO Overshoot
—
—
—
10
%
—
Table 2-3: AC Electrical Characteristics (Continued)
VCC_DDI, VCC_CORE, VDD = +1.8V ±5% and VCCO_0, VCCO_1 = +2.5V ±5%, TA = -40°C to +85°C, unless otherwise shown.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com