Electronic Components Datasheet Search
  English  ▼

X  

GS3590 Datasheet(PDF) 98 Page - Semtech Corporation

Part # GS3590
Description  Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3590 Datasheet(HTML) 98 Page - Semtech Corporation

Back Button GS3590 Datasheet HTML 94Page - Semtech Corporation GS3590 Datasheet HTML 95Page - Semtech Corporation GS3590 Datasheet HTML 96Page - Semtech Corporation GS3590 Datasheet HTML 97Page - Semtech Corporation GS3590 Datasheet HTML 98Page - Semtech Corporation GS3590 Datasheet HTML 99Page - Semtech Corporation GS3590 Datasheet HTML 100Page - Semtech Corporation GS3590 Datasheet HTML 101Page - Semtech Corporation GS3590 Datasheet HTML 102Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 118 page
background image
GS3590
Final Data Sheet Rev.4
PDS-061414 September 2017
98 of 118
Semtech
Proprietary & Confidential
www.semtech.com
49
CONTROL_
OUTPUT_
MUTE
RSVD
15:6
R/W
0
Reserved—do not modify.
CTRL_OUTPUT1_
AUTO_MUTE_DURING_
RATE_SEARCH
5R/W
0
Selects whether auto-mute mutes DDO
during rate search or not (i.e. based on
loss of lock) in addition to loss of the
selected carrier. This is undesirable if the
application passes non-standard rates
through the part using CDR bypass.
When 1 this mutes the output when not
locked. Host should set this to 0 if using
PRBS Generator with
CTRL_PRBS_GEN_CLK_SRC = 0.
CTRL_OUTPUT0_
AUTO_MUTE_DURING_
RATE_SEARCH
4R/W
0
Selects whether auto-mute mutes SDIO
during rate search or not (i.e. based on
loss of lock) in addition to loss of the
selected carrier. This is undesirable if the
application passes non-standard rates
through the part using CDR bypass.
When 1 this mutes the output when not
locked. Host should set this to 0 if using
PRBS Generator with
CTRL_PRBS_GEN_CLK_SRC = 0.
CTRL_OUTPUT1_
MANUAL_MUTE
3R/W
0
Force manual mute mode for DDO.
0 = Unmute
1 = Mute
Controls mute for DDO when auto mute
(CTRL_OUTPUT1_AUTO_MUTE) is
disabled.
CTRL_OUTPUT1_
AUTO_MUTE
2R/W
1
Select automatic or manual mute
control for DD0.
0 = Disable auto mute mode
1 = Enable auto mute mode
If CTRL_OUTPUT1_AUTO_MUTE = 0,
then CTRL_OUTPUT1_MANUAL_MUTE
controls mute for DDO.
CTRL_OUTPUT0_
MANUAL_MUTE
1R/W
0
Force manual mute mode for SDIO.
Same settings description as
CTRL_OUTPUT1_ MANUAL_MUTE.
CTRL_OUTPUT0_
AUTO_MUTE
0R/W
1
Select automatic or manual mute
control for SDIO
Same settings description as
CTRL_OUTPUT1_ AUTO_MUTE.
Table 5-3: Control Register Descriptions (Continued)
Addressh
Register
Name
Parameter Name
Bit
Slice
R/W
Reset
Valueh
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com