Electronic Components Datasheet Search
  English  ▼

X  

GS3590 Datasheet(PDF) 101 Page - Semtech Corporation

Part # GS3590
Description  Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3590 Datasheet(HTML) 101 Page - Semtech Corporation

Back Button GS3590 Datasheet HTML 97Page - Semtech Corporation GS3590 Datasheet HTML 98Page - Semtech Corporation GS3590 Datasheet HTML 99Page - Semtech Corporation GS3590 Datasheet HTML 100Page - Semtech Corporation GS3590 Datasheet HTML 101Page - Semtech Corporation GS3590 Datasheet HTML 102Page - Semtech Corporation GS3590 Datasheet HTML 103Page - Semtech Corporation GS3590 Datasheet HTML 104Page - Semtech Corporation GS3590 Datasheet HTML 105Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 118 page
background image
GS3590
Final Data Sheet Rev.4
PDS-061414 September 2017
101 of 118
Semtech
Proprietary & Confidential
www.semtech.com
4D
CONTROL_
BALANCED_
MODE
RSVD
15:1
R/W
0
Reserved—do not modify.
CTRL_OUTPUT0_
BALANCED
0R/W
0
Enable or disable balanced mode on
SDIO for powered ORL measurement.
0 = Disable
1 = Enable
4E
RSVD
RSVD
15:0
R/W
0
Reserved—do not modify.
4F
RSVD
RSVD
15:0
R/W
0
Reserved—do not modify.
Test Functions
50
PRBS_
CHK_CFG
RSVD
15
R/W
0
Reserved—do not modify.
CFG_PRBS_CHECK_
PHASEADJUST
14:13
R/W
0
Adjusts the phase of the clock to the
PRBS Checker. Values are:
0 = 0°
1 = 90°
2 = 180°
3 = 270°
Note: A setting of 0° is ideal for most
applications. Adjustment is not
expected.
CFG_PRBS_CHECK_
INVERT
12
R/W
0
Optionally inverts the retimed data at
the input to the PRBS Checker:
0 = no inversion
1 = data inverted
CFG_PRBS_CHECK_
PREDIVIDER
11:8
R/W
0
Selects pre-divider for PRBS check
measurement timer:
0 = 4
1 = 8
2 = 16
3 = 32
4 = 64
5 = 128
6 = 256
7 = 512
8 = 1024
9 = 2048
CFG_PRBS_CHECK_
MEAS_TIME
7:0
R/W
3
Selects PRBS check measurement
interval for timed measurements.
See Section 4.5.1 for more details.
Table 5-3: Control Register Descriptions (Continued)
Addressh
Register
Name
Parameter Name
Bit
Slice
R/W
Reset
Valueh
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com