Electronic Components Datasheet Search
  English  ▼

X  

GS3590 Datasheet(PDF) 12 Page - Semtech Corporation

Part # GS3590
Description  Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3590 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button GS3590 Datasheet HTML 8Page - Semtech Corporation GS3590 Datasheet HTML 9Page - Semtech Corporation GS3590 Datasheet HTML 10Page - Semtech Corporation GS3590 Datasheet HTML 11Page - Semtech Corporation GS3590 Datasheet HTML 12Page - Semtech Corporation GS3590 Datasheet HTML 13Page - Semtech Corporation GS3590 Datasheet HTML 14Page - Semtech Corporation GS3590 Datasheet HTML 15Page - Semtech Corporation GS3590 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 118 page
background image
GS3590
Final Data Sheet Rev.4
PDS-061414 September 2017
12 of 118
Semtech
Proprietary & Confidential
www.semtech.com
Cable Driver Mode Characteristics
Supply Voltage — Cable
Driver
VCCO_0
—
2.38
2.5
2.63
V
—
Power
PD
VCCO_0 = 2.5V,
Output Swing = 800mVpp,
DDO/DDO disabled
—
375
—
mW
1
VCCO_0 = 2.5V,
Output Swing = 800mVpp
with max pre-emphasis,
DDO/DDO disabled
—
390
—
mW
—
Supply Current—
Cable Driver
ICCO_0
VCCO_0 = 2.5V,
Output Swing = 800mVpp
—25
36
mA
1
VCCO_0 = 2.5V, 
Output Swing = 800mVpp,
with max pre-emphasis
—30
38
mA
—
Supply Current — Cable
Driver Pre Driver
ICCO1P8_0
Output Swing = 800mVpp
—20
30
mA
—
Supply Current—
Analogue Core
ICC_CORE
CDR Locked to Rate
—
120
164
mA
—
Supply Current — Trace
Equalizer
ICC_DDI
—
—
20
32
mA
—
DDI Input Common
Mode Voltage
VCMIN
—0.94
VCC_DDI -
0.1V
2.525
V
4
Sleep Mode
Sleep
Cable Equalizer mode
—
80
—
mW
—
Sleep
Cable Driver mode
—
45
—
mW
—
Notes:
1. Pre-emphasis is disabled.
2. Current listed is an increase to ICC_CORE when stated condition is true.
3. Selected clock source = VCO free running.
4. When the Trace Equalizer is AC-coupled, the input common mode is VCC_DDI – 0.1V. 0.94V is the worst case when the Trace Equalizer is DC-coupled
to upstream driver running from 1.2V supply. 2.525V is the worst case when the Trace Equalizer is DC-coupled to upstream driver running from
2.5V supply.
Table 2-2: DC Electrical Characteristics (Continued)
TA = -40°C to +85°C, unless otherwise shown.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com