Electronic Components Datasheet Search
  English  ▼

X  

GS3590 Datasheet(PDF) 85 Page - Semtech Corporation

Part # GS3590
Description  Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3590 Datasheet(HTML) 85 Page - Semtech Corporation

Back Button GS3590 Datasheet HTML 81Page - Semtech Corporation GS3590 Datasheet HTML 82Page - Semtech Corporation GS3590 Datasheet HTML 83Page - Semtech Corporation GS3590 Datasheet HTML 84Page - Semtech Corporation GS3590 Datasheet HTML 85Page - Semtech Corporation GS3590 Datasheet HTML 86Page - Semtech Corporation GS3590 Datasheet HTML 87Page - Semtech Corporation GS3590 Datasheet HTML 88Page - Semtech Corporation GS3590 Datasheet HTML 89Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 118 page
background image
GS3590
Final Data Sheet Rev.4
PDS-061414 September 2017
85 of 118
Semtech
Proprietary & Confidential
www.semtech.com
Equalizer Configuration
14
INPUT_
SELECT_CTRL
RSVD
15:11
R/W
0
Reserved—do not modify.
CTRL_LOOPBACK_ENA
10
R/W
0
Enables trace input to trace output
loopback mode in the GS3590
bi-directional variant when in cable
driver mode.
0 = Loopback is disabled. The Trace
Driver is powered-off in Cable Driver
Mode
1 = Loopback is enabled. Both the Trace
Driver and Cable Driver are enabled
(subject to other output state control
modes, see Section 4.8.7)
RSVD
9:3
R/W
60
Reserved—do not modify.
CTRL_DIRECTION_
SEL_MODE
2:1
R/W
0
Select bi-directional control method.
0 = pin mode (default mode)
1 = Host Interface Mode
2 = Reserved—do not select
3 = Reserved—do not select
The host should configure one of the
GPIO pins for input select before
selecting mode 0.
CTRL_DIRECTION_SEL
0
R/W
1
Selects bidirectional mode when
CTRL_DIRECTION_SEL_MODE = 1 (Host
Interface mode).
0 = Cable Equalizer Mode
1 = Cable Driver Mode
15
CARR_
DET_CFG
RSVD
15:1
R/W
0
Reserved—do not modify.
CFG_SEC_CD_INCL_
CLI_SQUELCH
0R/W
0
Enable or disable squelch control
conditions for deriving secondary
carrier detection (LOS) status for Cable
Equalizer (SDIO) input.
0 = Ignore CLI squelch
1 = Take into account CLI squelch
Value has no effect for Trace EQ (DDI)
input.
Table 5-3: Control Register Descriptions (Continued)
Addressh
Register
Name
Parameter Name
Bit
Slice
R/W
Reset
Valueh
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com