Electronic Components Datasheet Search
  English  ▼

X  

GS3590 Datasheet(PDF) 23 Page - Semtech Corporation

Part # GS3590
Description  Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3590 Datasheet(HTML) 23 Page - Semtech Corporation

Back Button GS3590 Datasheet HTML 19Page - Semtech Corporation GS3590 Datasheet HTML 20Page - Semtech Corporation GS3590 Datasheet HTML 21Page - Semtech Corporation GS3590 Datasheet HTML 22Page - Semtech Corporation GS3590 Datasheet HTML 23Page - Semtech Corporation GS3590 Datasheet HTML 24Page - Semtech Corporation GS3590 Datasheet HTML 25Page - Semtech Corporation GS3590 Datasheet HTML 26Page - Semtech Corporation GS3590 Datasheet HTML 27Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 118 page
background image
GS3590
Final Data Sheet Rev.4
PDS-061414 September 2017
23 of 118
Semtech
Proprietary & Confidential
www.semtech.com
4.3 Trace Equalizer
The GS3590 features a differential input buffer with 100Ω differential input termination,
which includes a Trace Equalizer that can be configured to compensate for up to 60" of
7mil strip-line in FR4 at 2.97Gb/s.
Note: The parameters referred to within Section 4.3 to Section 4.3.2 are linked to their
respective registers in Table 4-2.
The differential input signal can be either DC-coupled or AC-coupled, and is capable of
operation with any binary coded signal between 1Mb/s and 2.97Gb/s.
The input circuit is compatible with industry standard CML differential transmitters
when DC-coupled using industry standard 100Ω differential termination circuitry.
The Trace Equalizer includes an automatic input offset compensation circuit. This
reduces offset-induced data jitter in the link due to asymmetric performance of
DC-coupled upstream differential drivers. The input offset compensation circuit also
improves the input sensitivity of the Trace Equalizer.
4.3.1 Input Trace Equalization
The Trace Equalizer can compensate for up to 17dB of insertion loss at 1.485GHz in 8
increments, which can be adjusted through the CFG_TREQ0_BOOST parameter in
control register 0x1E. The default value of CFG_TREQ0_BOOST is (0h), which
corresponds to the minimum equalization boost level.
Please refer to Figure 4-2 for recommended boost setting.
Figure 4-2: GS3590 Trace EQ Boost Setting Recommendation
0
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
9
1011121314151617
Insertion Loss at 1.485GHz (dB)
boost setting 8
boost setting 7
boost setting 6
boost setting 5
boost setting 4
boost setting 3
boost setting 2
boost setting 1
boost setting 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com