Electronic Components Datasheet Search
  English  ▼

X  

GS3590 Datasheet(PDF) 100 Page - Semtech Corporation

Part # GS3590
Description  Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3590 Datasheet(HTML) 100 Page - Semtech Corporation

Back Button GS3590 Datasheet HTML 96Page - Semtech Corporation GS3590 Datasheet HTML 97Page - Semtech Corporation GS3590 Datasheet HTML 98Page - Semtech Corporation GS3590 Datasheet HTML 99Page - Semtech Corporation GS3590 Datasheet HTML 100Page - Semtech Corporation GS3590 Datasheet HTML 101Page - Semtech Corporation GS3590 Datasheet HTML 102Page - Semtech Corporation GS3590 Datasheet HTML 103Page - Semtech Corporation GS3590 Datasheet HTML 104Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 118 page
background image
GS3590
Final Data Sheet Rev.4
PDS-061414 September 2017
100 of 118
Semtech
Proprietary & Confidential
www.semtech.com
4B
CONTROL_
OUTPUT_
SLEW
RSVD
15:13
R/W
0
Reserved—do not modify.
CTRL_OUTPUT1_
TRDR_PER_RATE
12
R/W
0
Controls whether common or per rate
trace driver settings are used:
0 = Common trace driver settings:
CFG_OUTPUT1_TD_SD_* settings are
used for all rates
1 = Per rate trace driver settings:
CFG_OUTPUT1_TD_<rate>_* are used
when CDR is locked to <rate> (See
Table 2-3).
CFG_OUTPUT1_TD_BYPASS_* are
used when CDR is not locked.
RSVD
11:3
R/W
A0
Reserved—do not modify.
CTRL_OUTPUT0_
MANUAL_SLEW
2:1
R/W
2
Selects slew rate for SDIO when auto
slew rate is disabled.
0 = SD/MADI slew
1 = HD/3G slew
2 = Bypass
CTRL_OUTPUT0_
AUTO_SLEW
0R/W
1
Selects between auto or manual slew
rate selection for SDIO.
0 = Disable auto slew rate selection
1 = Enable auto slew rate selection
Note: In auto-mode, the slew rate is
determined by the rate at which the
CDR is locked. If the CDR is unlocked,
the slew will default to Bypass Slew (See
Table 2-3 for Rise/Fall Times).
4C
CONTROL_
RETIMER_
BYPASS
RSVD
15:4
R/W
0
Reserved—do not modify.
CTRL_OUTPUT1_
RETIMER_MANUAL_
BYPASS
3R/W
0
Controls retimer bypass for DDO when
auto mode is disabled.
0 = Disable retimer bypass
1 = Enable retimer bypass
CTRL_OUTPUT1_
RETIMER_AUTO_
BYPASS
2R/W
1
Selects between auto and manual
control of retimer bypass for DDO.
0 = Disable auto mode
1 = Enable auto mode
CTRL_OUTPUT0_
RETIMER_MANUAL_
BYPASS
1R/W
0
Controls retimer bypass for SDIO when
auto mode is disabled.
0 = Disable retimer bypass
1 = Enable retimer bypass
CTRL_OUTPUT0_
RETIMER_AUTO_
BYPASS
0R/W
1
Selects between auto and manual
control of retimer bypass for SDIO.
0 = Disable auto mode
1 = Enable auto mode
Table 5-3: Control Register Descriptions (Continued)
Addressh
Register
Name
Parameter Name
Bit
Slice
R/W
Reset
Valueh
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com