Electronic Components Datasheet Search
  English  ▼

X  

GS3590 Datasheet(PDF) 1 Page - Semtech Corporation

Part # GS3590
Description  Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3590 Datasheet(HTML) 1 Page - Semtech Corporation

  GS3590 Datasheet HTML 1Page - Semtech Corporation GS3590 Datasheet HTML 2Page - Semtech Corporation GS3590 Datasheet HTML 3Page - Semtech Corporation GS3590 Datasheet HTML 4Page - Semtech Corporation GS3590 Datasheet HTML 5Page - Semtech Corporation GS3590 Datasheet HTML 6Page - Semtech Corporation GS3590 Datasheet HTML 7Page - Semtech Corporation GS3590 Datasheet HTML 8Page - Semtech Corporation GS3590 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 118 page
background image
1 of 118
Semtech
Proprietary & Confidential
GS3590
Final Data Sheet Rev.4
PDS-061414 September 2017
GS3590
Bidirectional 3G-SDI Re-timing
Adaptive Cable Equalizer/Cable Driver
www.semtech.com
Key Features
•
Single bidirectional 75Ω cable interface with on-chip
termination
•
SMPTE ST 424, ST 292-1 and ST 259 compliant
input/output
•
Multi-standard operation from 1Mb/s to 2.97Gb/s
•
Supports re-timing for DVB-ASI at 270Mb/s and MADI
at 125Mb/s
•
3D Input Signal Eye Monitor
•
PRBS Generator and Checker
•
Automatic cable equalization. Typical equalized cable
lengths of Belden 1694A cable:
160m at 2.97Gb/s
240m at 1.485Gb/s
400m at 270Mb/s
•
Cable Equalizer Mode Features:
Manual or automatic power-down on loss of signal
Programmable carrier detect with squelch
threshold adjustment
Manual and automatic Cable Equalizer bypass
•
Cable Driver Mode Features:
Wide swing control
Pre-emphasis to compensate for significant
insertion loss between device output and BNC
Manual or automatic power-down on loss of signal
Manual or automatic Mute or Disable on LOS
•
Trace Equalizer Features:
Integrated 100Ω, differential input termination
Manual or automatic power-down on loss of signal
Adjustable carrier detect threshold
DC-coupling from 1.2V to 2.5V CML logic
Trace Equalization to compensate for up to 60” FR4
at 2.97Gb/s
Automatic input offset compensation
•
Trace Driver Features:
Integrated 100Ω, differential output termination
DC-coupling from 1.2V to 2.5V CML logic
Trace Driver data output pre-emphasis to
compensate for up to 60” FR4 at 2.97Gb/s
Manual or automatic Mute or Disable on LOS
•CDR features:
Manual or automatic rate modes
Manual or automatic Re-timer Bypass
Wide-range Loop Bandwidth control
Re-timing at the following data rates: 125Mb/s,
270Mb/s, 1.485Gb/s, and 2.97Gb/s. This includes the
f/1.001 rates.
•
Additional Features:
Single 1.8V power supply for analogue and digital
core
2.5V for Cable Driver output supply
1.2V, 1.8V, or 2.5V for Trace Driver output supply
GSPI serial control and monitoring interface
Four configurable GPIO pins for control or status
monitoring
Wide operating temperature range: -40ºC to +85ºC
Small 6mm x 4mm 40-pin QFN
Pb-free/Halogen-free/RoHS & WEEE compliant
package
Pin compatible with the GS12090
Applications
SMPTE ST 424, SMPTE ST 292, SMPTE ST 259 interfaces
requiring switching between cable equalizing or cable
driving functionality. Typical applications: Cameras,
Switchers, Distribution Amplifiers and Routers.


Similar Part No. - GS3590

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS35 ETC2-GS35 Datasheet
163Kb / 2P
Gold Seal Series Public Address Amplifiers
logo
MTU Onsite Energy Corpo...
GS350-6S MTU-GS350-6S Datasheet
496Kb / 4P
GAS GENERATOR SET
logo
Mallory performance clu...
GS356 MALLORY-GS356 Datasheet
37Kb / 3P
Disc Ceramic Capacitors
logo
Globaltech Semiconducto...
GS358SF GLOBALTECH-GS358SF Datasheet
1Mb / 8P
Dual Operational Amplifiers
Version 2.2
More results

Similar Description - GS3590

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS6042 SEMTECH-GS6042 Datasheet
1,018Kb / 21P
6G UHD-SDI/3G/HD/SD Adaptive Cable Equalizer
logo
M/A-COM Technology Solu...
M21644 MA-COM-M21644 Datasheet
809Kb / 31P
3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer
logo
Texas Instruments
LMH0324 TI1-LMH0324 Datasheet
723Kb / 9P
3G/HD/SD SDI Dual Output Adaptive Cable Equalizer
logo
Semtech Corporation
EBK-GS3140-00 SEMTECH-EBK-GS3140-00 Datasheet
1Mb / 40P
Multi-Rate Adaptive 3G SDI Equalizer
GS3241 SEMTECH-GS3241 Datasheet
4Mb / 108P
3G-SDI Re-timing Adaptive Cable Equalizer
GS3281 SEMTECH-GS3281 Datasheet
3Mb / 97P
3G-SDI Re-timing Cable Driver
GS3471 SEMTECH-GS3471 Datasheet
5Mb / 179P
3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS12090 SEMTECH-GS12090 Datasheet
4Mb / 121P
Bidirectional 12G UHD-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
GS12190 SEMTECH-GS12190 Datasheet
2Mb / 121P
Bidirectional 12G UHD-SDI Reclocking Adaptive Cable Equalizer/Cable Driver
GS12281 SEMTECH-GS12281 Datasheet
3Mb / 97P
12G UHD-SDI Re-timing Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com