Electronic Components Datasheet Search
  English  ▼

X  

GS3590 Datasheet(PDF) 20 Page - Semtech Corporation

Part # GS3590
Description  Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3590 Datasheet(HTML) 20 Page - Semtech Corporation

Back Button GS3590 Datasheet HTML 16Page - Semtech Corporation GS3590 Datasheet HTML 17Page - Semtech Corporation GS3590 Datasheet HTML 18Page - Semtech Corporation GS3590 Datasheet HTML 19Page - Semtech Corporation GS3590 Datasheet HTML 20Page - Semtech Corporation GS3590 Datasheet HTML 21Page - Semtech Corporation GS3590 Datasheet HTML 22Page - Semtech Corporation GS3590 Datasheet HTML 23Page - Semtech Corporation GS3590 Datasheet HTML 24Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 118 page
background image
GS3590
Final Data Sheet Rev.4
PDS-061414 September 2017
20 of 118
Semtech
Proprietary & Confidential
www.semtech.com
4.2.2 Upstream Launch Swing Compensation
The GS3590 Cable Equalizer has an automatic gain control circuit, that is optimized on
the assumption that the Cable Driver in the upstream device is SMPTE-compliant and
has a launch swing of 800mVpp ±10%. When the source amplitude is known to be
non-SMPTE compliant, a compensation adjustment can be made in the GS3590. The
GS3590 can adjust for launch swings in the range of 250mV to 1V in approximately
50mVppd increments. Upstream launch swing compensation can be adjusted through
the CFG_EQ_INPUT_LAUNCH_SWING_COMP parameter in control register 0x18. The
default parameter value is 80d (50h), which corresponds to a nominal launch swing of
800mVppd.
4.2.3 Carrier Detect, Squelch Control, and Loss of Signal
The GS3590 Cable Equalizer has highly-configurable carrier detection and squelching
capability. The carrier detection can be made more robust against spurious signals and
noise at the inputs and the squelch control can be configured and enabled to reduce
false outputs to low level signals such as crosstalk.
The GS3590 reports two separate carrier detect parameters—STAT_PRI_CD and
STAT_SEC_CD. They are described in Section 4.2.3.1 and Section 4.2.3.2 respectively.
Note: The parameters referred to within Section 4.2.3 to Section 4.2.3.2 are linked to
their respective registers in Table 4-1.
4.2.3.1 Primary Carrier Detection (STAT_PRI_CD) Configuration
Primary carrier detection (STAT_PRI_CD) can be configured for higher stability by
filtering-out longer transients or glitches. This can be achieved by increasing the
sampling window over which the signal is sampled and the number of samples required
to assert or de-assert it.
There are three configuration parameters that control assertion or de-assertion of
STAT_PRI_CD:
CFG_CD_FILTER_SAMPLE_WIN
CFG_FILTER_DEASSERT_CNT
CFG_CD_FILTER_ASSERT_CNT
See Figure 4-1 for a visual representation of the STAT_PRI_CD configuration
parameters.
With the default values in place:
An assertion (setting HIGH) of STAT_PRI_CD will take place after a valid signal is
present for ~6.5ms
A de-assertion (setting LOW) of STAT_PRI_CD will take place after loss of a valid
signal for ~96ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com