Electronic Components Datasheet Search
  English  ▼

X  

GS3590 Datasheet(PDF) 55 Page - Semtech Corporation

Part # GS3590
Description  Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3590 Datasheet(HTML) 55 Page - Semtech Corporation

Back Button GS3590 Datasheet HTML 51Page - Semtech Corporation GS3590 Datasheet HTML 52Page - Semtech Corporation GS3590 Datasheet HTML 53Page - Semtech Corporation GS3590 Datasheet HTML 54Page - Semtech Corporation GS3590 Datasheet HTML 55Page - Semtech Corporation GS3590 Datasheet HTML 56Page - Semtech Corporation GS3590 Datasheet HTML 57Page - Semtech Corporation GS3590 Datasheet HTML 58Page - Semtech Corporation GS3590 Datasheet HTML 59Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 118 page
background image
GS3590
Final Data Sheet Rev.4
PDS-061414 September 2017
55 of 118
Semtech
Proprietary & Confidential
www.semtech.com
Table 4-9: Output Swing and Pre-emphasis Control Parameters
Addressh
Parameter Name
Description
0x2B/0x29
OUTPUT_
PARAM_CD_
SD_3/OUTPUT_
PARAM_
TD_SD_1
CFG_OUTPUT<n>_CD/TD_
SD_DRIVER_SWING
Output amplitude configuration parameter.
<n>=0:For SD and MADI rates on SDIO.
<n>=1:For SD or all rates* on DDO.
Note: If CTRL_OUTPUT1_TRDR_PER_RATE = 0, this setting will
be used for all data rates output form DDO.
0x2A/0x28
OUTPUT_
PARAM_CD_
SD_2/OUTPUT_
PARAM_TD_
SD_0
CFG_OUTPUT<n>_CD/TD_SD_
PREEMPH_WIDTH
Output pre-emphasis pulse width configuration parameter.
<n>=0:Reserved - do not modify.
<n>=1:For SD or all rates* on DDO.
Note: If CTRL_OUTPUT1_TRDR_PER_RATE = 0, this setting will
be used for all data rates output form DDO.
CFG_OUTPUT<n>_CD/TD_SD_
PREEMPH_PWRDWN
Output pre-emphasis power-down configuration parameter.
<n>=0:Reserved - do not modify.
<n>=1:For SD or all rates* on DDO.
Note: If CTRL_OUTPUT1_TRDR_PER_RATE = 0, this setting will
be used for all data rates output form DDO.
CFG_OUTPUT<n>_CD/TD_SD_
PREEMPH_AMPL
Output amplitude configuration parameter.
<n>=0:Reserved - do not modify.
<n>=1:For SD or all rates* on DDO.
Note: If CTRL_OUTPUT1_TRDR_PER_RATE = 0, this setting will
be used for all data rates output form DDO.
0x2D/0x2F
OUTPUT_
PARAM_
TD_HD_1/
OUTPUT_
PARAM_
CD_HD_3
CFG_OUTPUT<n>_CD/TD_
HD_DRIVER_SWING
Output amplitude configuration parameter.
<n>=0:For HD and 3G rates on SDIO.
<n>=1: For HD rates on DDO.
0x2C/0x2E
OUTPUT_
PARAM_
TD_HD_0/
OUTPUT_
PARAM_
CD_HD_2
CFG_OUTPUT<n>_CD/TD_
HD_PREEMPH_WIDTH
Output pre-emphasis pulse width configuration parameter.
<n>=0:For HD and 3G rates on SDIO.
<n>=1:For HD rates on DDO.
CFG_OUTPUT<n>_CD/TD_
HD_PREEMPH_PWRDWN
Output pre-emphasis power-down configuration parameter.
<n>=0:For HD and 3G rates on SDIO.
<n>=1:For HD rates on DDO.
CFG_OUTPUT<n>_CD/TD_
HD_PREEMPH_AMPL
Output pre-emphasis power-down configuration parameter.
<n>=0:For HD and 3G rates on SDIO.
<n>=1:For HD rates on DDO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com