Electronic Components Datasheet Search
  English  ▼

X  

GS3590 Datasheet(PDF) 82 Page - Semtech Corporation

Part # GS3590
Description  Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3590 Datasheet(HTML) 82 Page - Semtech Corporation

Back Button GS3590 Datasheet HTML 78Page - Semtech Corporation GS3590 Datasheet HTML 79Page - Semtech Corporation GS3590 Datasheet HTML 80Page - Semtech Corporation GS3590 Datasheet HTML 81Page - Semtech Corporation GS3590 Datasheet HTML 82Page - Semtech Corporation GS3590 Datasheet HTML 83Page - Semtech Corporation GS3590 Datasheet HTML 84Page - Semtech Corporation GS3590 Datasheet HTML 85Page - Semtech Corporation GS3590 Datasheet HTML 86Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 118 page
background image
GS3590
Final Data Sheet Rev.4
PDS-061414 September 2017
82 of 118
Semtech
Proprietary & Confidential
www.semtech.com
0B
PLL_LOOP_
BANDWIDTH_
1
RSVD
15:13
R/W
0
Reserved—do not modify.
CFG_PLL_LBW_3G
12:8
R/W
8
Configure 2.97Gb/s (3G) PLL loop
bandwidth in terms of ratio to nominal
loop bandwidth 'x' (see Table 2-3).
2.97Gb/s (3G) loop bandwidth setting:
0x00 = Reserved—do not use
0x01 = 0.0625x
0x02 = 0.125x
0x03 = 0.1875x
0x04 = 0.25x
0x05 = 0.3125x
0x06 = 0.375x
0x07 = 0.4375x
0x08 = 0.5x
0x09 = 0.5625x
0x0A = 0.625x
0x0B = 0.6875x
0x0C = 0.75x
0x0D = 0.8125x
0x0E = 0.875x
0x0F = 0.9375x
0x10 to 0x1B = Reserved - do not use
0x1C = 1.0x (nominal)
0x1D = 1.0625x
0x1E = 1.125x
0x1F = 1.1875x
RSVD
7:5
R/W
0
Reserved—do not modify.
CFG_PLL_LBW_HD
4:0
R/W
8
Configure 1.485Gb/s (HD) PLL loop
bandwidth in terms of ratio to nominal
loop bandwidth 'x' (see Table 2-3).
See CFG_PLL_LBW_3G parameter for
available settings.
0C
PLL_LOOP_
BANDWIDTH_
2
RSVD
15:13
R/W
0
Reserved—do not modify.
CFG_PLL_LBW_SD
12:8
R/W
1C
Configure 270Mb/s (SD) PLL loop
bandwidth in terms of ratio to nominal
loop bandwidth 'x' (see Table 2-3).
See CFG_PLL_LBW_3G parameter for
available settings.
RSVD
7:5
R/W
0
Reserved—do not modify.
CFG_PLL_LBW_MADI
4:0
R/W
8
Configure 125Mb/s (MADI) PLL loop
bandwidth in terms of ratio to nominal
loop bandwidth 'x' (see Table 2-3).
See CFG_PLL_LBW_3G parameter for
available settings.
0D to 0F
RSVD
RSVD
15:0
R/W
0
Reserved—do not modify.
Table 5-3: Control Register Descriptions (Continued)
Addressh
Register
Name
Parameter Name
Bit
Slice
R/W
Reset
Valueh
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com