Electronic Components Datasheet Search
  English  ▼

X  

GS3590 Datasheet(PDF) 88 Page - Semtech Corporation

Part # GS3590
Description  Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3590 Datasheet(HTML) 88 Page - Semtech Corporation

Back Button GS3590 Datasheet HTML 84Page - Semtech Corporation GS3590 Datasheet HTML 85Page - Semtech Corporation GS3590 Datasheet HTML 86Page - Semtech Corporation GS3590 Datasheet HTML 87Page - Semtech Corporation GS3590 Datasheet HTML 88Page - Semtech Corporation GS3590 Datasheet HTML 89Page - Semtech Corporation GS3590 Datasheet HTML 90Page - Semtech Corporation GS3590 Datasheet HTML 91Page - Semtech Corporation GS3590 Datasheet HTML 92Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 118 page
background image
GS3590
Final Data Sheet Rev.4
PDS-061414 September 2017
88 of 118
Semtech
Proprietary & Confidential
www.semtech.com
20
CD_FILTER_
DELAYS_0
RSVD
15:8
R/W
0
Reserved—do not modify.
CFG_CD_FILTER_
SAMPLE_WIN
7:0
R/W
3
Cable Equalizer carrier detect filter
sample window period in clock cycles.
Sample window size is this value plus 1
clock cycle.
Valid Range = 0x03 to 0xFF
See Section 4.2.3 for details.
21
CD_FILTER_
DELAYS_1
RSVD
15:10
R/W
0
Reserved—do not modify.
CFG_CD_FILTER_
DEASSERT_CNT
9:0
R/W
F
Number of samples for detecting cable
equalizer carrier detection de-assertion:
Valid Range = 0x00 to 0x3FF
See Section 4.2.3 for details.
22
CD_FILTER_
DELAYS_2
RSVD
15:10
R/W
0
Reserved—do not modify.
CFG_CD_FILTER_
ASSERT_CNT
9:0
R/W
3FF
Number of samples for detecting cable
equalizer carrier detection assertion:
Valid Range = 0x00 to 0x3FF
See Section 4.2.3 for details.
23 to 25
RSVD
RSVD
15:0
R/W
0
Reserved—do not modify.
Output Configuration
26
MISC_
OUTPUT_CFG
RSVD
15:4
R/W
0
Reserved—do not modify.
CFG_OUTPUT1_
SUPPLY_VOLTAGE
3:3
R/W
0
Configure DDO (VCCO_1) supply
voltage
0 = 1.8V or 2.5V supply
1 = 1.2 V supply
Host must configure this setting based
on the power supply connected to the
Trace Driver for DDO.
RSVD
2:0
R/W
0
Reserved—do not modify.
27
RSVD
RSVD
15:0
R/W
0
Reserved—do not modify.
Table 5-3: Control Register Descriptions (Continued)
Addressh
Register
Name
Parameter Name
Bit
Slice
R/W
Reset
Valueh
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com