Electronic Components Datasheet Search
  English  ▼

X  

GS3590 Datasheet(PDF) 52 Page - Semtech Corporation

Part # GS3590
Description  Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3590 Datasheet(HTML) 52 Page - Semtech Corporation

Back Button GS3590 Datasheet HTML 48Page - Semtech Corporation GS3590 Datasheet HTML 49Page - Semtech Corporation GS3590 Datasheet HTML 50Page - Semtech Corporation GS3590 Datasheet HTML 51Page - Semtech Corporation GS3590 Datasheet HTML 52Page - Semtech Corporation GS3590 Datasheet HTML 53Page - Semtech Corporation GS3590 Datasheet HTML 54Page - Semtech Corporation GS3590 Datasheet HTML 55Page - Semtech Corporation GS3590 Datasheet HTML 56Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 118 page
background image
GS3590
Final Data Sheet Rev.4
PDS-061414 September 2017
52 of 118
Semtech
Proprietary & Confidential
www.semtech.com
4.8.5.1.1 Fine Optimization Procedure
The procedure requires access to the signal at the downstream device input, or
non-re-timed device output. If there are multiple stages between the initial downstream
device input and final measurement point, it is still possible to perform optimization;
however link settings within the other stages must be fairly optimized. The
pre-emphasis amplitude (PPA) and pre-emphasis width (PPW) settings can be
optimized by sweeping the PPA and PPW settings in increments of 'a' and 'w' and
selecting the setting which results in the lowest jitter. For Trace Driver optimization, 'a'
and 'w' increments of 5 should be sufficient.
The procedure has three steps.
1. Pre-emphasis Amplitude (PPA) Optimization: Set the PPA and PPW to the values
obtained from the graph selected out of Figure 4-12 to Figure 4-19, and then
measure the downstream jitter. While keeping PPW constant, increment the PPA by
'a'. If the jitter is lower after the first increment, continue to increment by 'a' until the
jitter begins increasing or a setting of 50 is reached. If there was a setting which
resulted in a lower jitter measurement than the initial setting, that is the Optimized
Pre-emphasis Amplitude setting: PPAOptimal, and the PPA optimization procedure is
complete.
However, if the jitter increased after the first increment, decrement the setting by 'a'
below the initial value. If the jitter is lower after the first decrement, continue to
decrement by 'a' until the jitter begins increasing or a setting of 0 is reached. If there
was a setting which resulted in a lower jitter measurement than the initial setting,
that is the Optimized Pre-emphasis Amplitude: PPAOptimal.
If incrementing the PPA or decrementing the PPA did not result in a setting with
lower jitter, then the initial setting obtained from the graph selected out of
Figure 4-12 to Figure 4-19 is the PPA optimized Pre-emphasis Amplitude setting:
PPAOptimal.
2. The second step is to set the PPA to the optimized setting PPAOptimal determined in
step 1 and PPW to the values obtained from the graph selected out of Figure 4-12
to Figure 4-19, then measure the downstream jitter. While keeping PPA constant,
increment the PPW by 'w'. If the jitter is lower after the first increment, continue to
increment by 'w' until the jitter begins increasing or a setting of 15 is reached. If
there was a setting which resulted in a lower jitter measurement than the initial
setting, that is the Optimized Pre-emphasis Width setting: PPWOptimal, and the
optimization procedure is complete.
However, if the jitter increased after the first increment, decrement the setting by
'w' below the initial value. If the jitter is lower after the first decrement, continue to
decrement by 1 until the jitter begins increasing or a value of 0 is reached. If there
was a setting which resulted in a lower jitter measurement than the initial setting,
that is the Optimized Pre-emphasis Width setting: PPWOptimal, and the optimization
procedure is complete.
If incrementing the PPW or decrementing the PPW did not result in a setting with
lower jitter, then the initial setting value obtained from the graph selected out of
Figure 4-12 to Figure 4-19 is the optimized Pre-emphasis Width setting: PPWOptimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com