Electronic Components Datasheet Search
  English  ▼

X  

GS3590 Datasheet(PDF) 45 Page - Semtech Corporation

Part # GS3590
Description  Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3590 Datasheet(HTML) 45 Page - Semtech Corporation

Back Button GS3590 Datasheet HTML 41Page - Semtech Corporation GS3590 Datasheet HTML 42Page - Semtech Corporation GS3590 Datasheet HTML 43Page - Semtech Corporation GS3590 Datasheet HTML 44Page - Semtech Corporation GS3590 Datasheet HTML 45Page - Semtech Corporation GS3590 Datasheet HTML 46Page - Semtech Corporation GS3590 Datasheet HTML 47Page - Semtech Corporation GS3590 Datasheet HTML 48Page - Semtech Corporation GS3590 Datasheet HTML 49Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 118 page
background image
GS3590
Final Data Sheet Rev.4
PDS-061414 September 2017
45 of 118
Semtech
Proprietary & Confidential
www.semtech.com
49, CONTROL_ OUTPUT_ MUTE
CTRL_OUTPUT1_AUTO_MUTE
Select automatic or manual mute control
for DD0/DDO
CTRL_OUTPUT1_MANUAL_MUTE
Manually set the mute control for
DD0/DDO when auto mute mode is
turned off
CTRL_OUTPUT0_AUTO_MUTE
Select automatic or manual mute control
for SDIO/SDO
CTRL_OUTPUT0_MANUAL_MUTE
Manually set the mute control of the
SDIO/SDO when auto mute mode is
turned off
4A, CONTROL_ OUTPUT_ DISABLE
CTRL_OUTPUT1_AUTO_DISABLE
Selects automatic or manual disable
control for DD0/DDO
CTRL_OUTPUT1_MANUAL_DISABLE
Manually set the disable control of
DD0/DDO when auto disable mode is
turned off
CTRL_OUTPUT0_AUTO_DISABLE
Selects automatic or manual disable
control for SDIO/SDO
CTRL_OUTPUT0_MANUAL_DISABLE
Manually set the disable control of the
SDIO/SDO when auto disable mode is
turned off
4B, CONTROL_ OUTPUT_ SLEW
CTRL_OUTPUT0_AUTO_SLEW
Selects auto or manual slew rate selection
for SDIO/SDO
CTRL_OUTPUT0_MANUAL_SLEW
Manually set the slew rate for SDIO/SDO
when auto slew mode is turned off
52, PRBS_GEN_ CTRL
CTRL_PRBS_GEN_SIGNAL_SELECT
Selects between setting the output of the
PRBS Generator to being a clock or a PRBS
test signal
CTRL_PRBS_GEN_CLK_SRC
Selects the clock source used by the PRBS
Generator
CTRL_PRBS_GEN_CLK_DIVIDER
If a clock is selected as the PRBS output
signal, this parameter sets the divide ratio
of the clock
CTRL_PRBS_GEN_INVERT
Allows the polarity of the PRBS signal to
be inverted
CTRL_PRBS_GEN_DATA_RATE
If a PRBS test signal is selected as the
output signal, this parameter sets the
data rate of the PRBS7 signal
CTRL_PRBS_GEN_ENABLE
Used to enable or disable the PRBS
Generator
Table 4-8: PRBS Generator Parameter Descriptions (Continued)
Addresshand Register Name
Parameter Name
Parameter Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com