Electronic Components Datasheet Search
  English  ▼

X  

GS3590 Datasheet(PDF) 7 Page - Semtech Corporation

Part # GS3590
Description  Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3590 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button GS3590 Datasheet HTML 3Page - Semtech Corporation GS3590 Datasheet HTML 4Page - Semtech Corporation GS3590 Datasheet HTML 5Page - Semtech Corporation GS3590 Datasheet HTML 6Page - Semtech Corporation GS3590 Datasheet HTML 7Page - Semtech Corporation GS3590 Datasheet HTML 8Page - Semtech Corporation GS3590 Datasheet HTML 9Page - Semtech Corporation GS3590 Datasheet HTML 10Page - Semtech Corporation GS3590 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 118 page
background image
GS3590
Final Data Sheet Rev.4
PDS-061414 September 2017
7 of 118
Semtech
Proprietary & Confidential
www.semtech.com
17
GPIO0
Digital
Input/Output
Multi-function Control/Status Input/Output 0.
Default function:
Direction = Output
Signal = High indicates LOS (Loss of Signal, inverse of Carrier Detect)
Pin is 1.8V CMOS I/O, please refer to GPIO0_CFG for more information
on how to configure GPIO0.
18
GPIO1
Digital
Input/Output
Multi-function Control/Status Input/Output 1.
Default function:
Direction = Output
Signal = High indicates PLL is locked
Pin is 1.8V CMOS I/O, please refer to GPIO1_CFG for more information
on how to configure GPIO1.
19, 31, 37, 38
VEE_CORE
Power
Most negative power supply connection for the analogue core.
Connect to ground.
20
VCCO1P8_1
Power
Most positive power supply connection for Trace Driver pre-driver.
Connect to 1.8V.
21, 28
VEEO
Power
Most negative power supply connection for the output drivers.
Connect to ground.
22, 23
DDO, DDO
Output
Differential CML output with two internal 50Ω pull-ups.
In cable equalizer mode, the data signal or PRBS Generator can be
selected for this output.
24
VCCO_1
Power
Most positive power supply connection for the DDO/ DDO output
driver.
Connect to 1.2V – 2.5V.
25
VCCO_0
Power
Most positive power supply connection for the SDIO/SDO output
driver.
Connect to 2.5V.
26
SDO
Output
Single-ended CML output buffer with internal 75Ω pull-up. Decouple
to ground (see Section 6.1 Typical Application Circuit for
recommended values).
27
SDIO
Output
Single-ended bidirectional CML buffer with internal 75Ω pull-up.
In cable driver mode, the data signal or PRBS Generator can be
selected for this output.
29
VCCO1P8_0
Power
Most positive power supply connection for Cable Driver pre-driver.
Connect to 1.8V.
30
LOOP_OUT
Output
Single-ended CML output. Connect to LOOP_IN (pin 2) through a
capacitor (see Section 6.1 Typical Application Circuit for
recommended values).
Table 1-1: GS3590 Pin Descriptions (Continued)
Pin Number
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com