Electronic Components Datasheet Search
  English  ▼

X  

GS3590 Datasheet(PDF) 18 Page - Semtech Corporation

Part # GS3590
Description  Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3590 Datasheet(HTML) 18 Page - Semtech Corporation

Back Button GS3590 Datasheet HTML 14Page - Semtech Corporation GS3590 Datasheet HTML 15Page - Semtech Corporation GS3590 Datasheet HTML 16Page - Semtech Corporation GS3590 Datasheet HTML 17Page - Semtech Corporation GS3590 Datasheet HTML 18Page - Semtech Corporation GS3590 Datasheet HTML 19Page - Semtech Corporation GS3590 Datasheet HTML 20Page - Semtech Corporation GS3590 Datasheet HTML 21Page - Semtech Corporation GS3590 Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 118 page
background image
GS3590
Final Data Sheet Rev.4
PDS-061414 September 2017
18 of 118
Semtech
Proprietary & Confidential
www.semtech.com
4. Detailed Description
4.1 Device Description
The GS3590 features a 75Ω internally-terminated bidirectional SDIO port, which can be
set as SMPTE-compliant Cable Driver, or Cable Equalizer. In addition to the SDIO port,
there is a 100Ω differential Trace Driver to transmit the incoming SDI signal to the
system and a 100Ω differential Trace Equalizer to receive the outgoing signal from the
system. The bidirectional mode can be controlled through the host interface, or the
GPIO pin. The Cable Driver has amplitude and pre-emphasis control to compensate for
significant insertion loss between device output and BNC. The Trace Driver also has
amplitude and pre-emphasis control which can compensate for 15dB of insertion loss at
1.485GHz. The pre-emphasis control is two-dimensional in both the Cable Driver and
Trace Driver, where both pre-emphasis pulse amplitude and width adjustments can be
made to help optimize for interconnect mismatches such as vias and connectors. The
Trace Equalizer has boost control, which can compensate for 17dB of insertion loss at
1.485GHz.
4.1.1 Bidirectional Mode Control
The bidirectional mode of the GS3590 can be controlled through the GPIO or the host
interface.
By default the device is in pin control mode and GPIO3 is the control input pin. To put
the device in Cable Equalizer Mode drive this pin LOW. To put the device in Cable Driver
Mode drive this pin HIGH.
In addition to GPIO control, the host can set the direction mode through the host
interface using the CTRL_DIRECTION_SEL_MODE and CTRL_DIRECTION_SEL
parameters in register 0x14. To use the host interface to control the direction mode, first
choose host interface select mode by writing 1b to CTRL_DIRECTION_SEL_MODE
(default = 0b pin mode). Once the device is in host interface select mode, the host can
put the device in cable equalizer mode by writing 0b to the CTRL_DIRECTION_SEL
control parameter (default = 1b cable driver mode).
4.1.2 Sleep Mode
To enable low-power operation, the GS3590 has Manual and Automatic Sleep Mode
control.
The default mode is Automatic Sleep Mode on LOS (Loss Of Signal). The device can also
be manually put into Sleep Mode. When the device is in Sleep Mode, all the core blocks
are powered-down, except the host interface and carrier detect circuits. The SDIO Cable
Driver output buffer is always disabled (powered-down) in sleep mode, while the DDO
Trace Driver can be disabled or muted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com