Electronic Components Datasheet Search
  English  ▼

X  

GS3590 Datasheet(PDF) 94 Page - Semtech Corporation

Part # GS3590
Description  Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3590 Datasheet(HTML) 94 Page - Semtech Corporation

Back Button GS3590 Datasheet HTML 90Page - Semtech Corporation GS3590 Datasheet HTML 91Page - Semtech Corporation GS3590 Datasheet HTML 92Page - Semtech Corporation GS3590 Datasheet HTML 93Page - Semtech Corporation GS3590 Datasheet HTML 94Page - Semtech Corporation GS3590 Datasheet HTML 95Page - Semtech Corporation GS3590 Datasheet HTML 96Page - Semtech Corporation GS3590 Datasheet HTML 97Page - Semtech Corporation GS3590 Datasheet HTML 98Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 118 page
background image
GS3590
Final Data Sheet Rev.4
PDS-061414 September 2017
94 of 118
Semtech
Proprietary & Confidential
www.semtech.com
32
OUTPUT_
PARAM_
CD_BYPASS_2
RSVD
15:13
R/W
0
Reserved—do not modify.
CFG_OUTPUT0_CD_
BYPASS_PREEMPH_
WIDTH
12:8
R/W
7
Configure the Cable Driver Bypass
pre-emphasis pulse width.
Range = 0d to 15d
Adjust the pre-emphasis pulse width to
better match the channel loss response
shape.
RSVD
7
R/W
0
Reserved—do not modify.
CFG_OUTPUT0_CD_
BYPASS_PREEMPH_
PWRDWN
6R/W
0
Cable Driver Bypass pre-emphasis
power-down
SDIO power-down control for
pre-emphasis driver.
0 = Pre-emphasis driver powered-up
(pre-emphasis enabled)
1 = Pre-emphasis driver powered-down
(pre-emphasis disabled)
CFG_OUTPUT0_CD_
BYPASS_PREEMPH_
AMPL
5:0
R/W
B
Configure the Cable Driver Bypass
pre-emphasis pulse amplitude.
Range = 0d to 50d
Adjust the pre-emphasis pulse
amplitude to better match the channel
loss at Nyquist.
33
OUTPUT_
PARAM_
CD_BYPASS_3
RSVD
15:14
R/W
0
Reserved—do not modify.
CFG_OUTPUT0_CD_
BYPASS_DRIVER_
SWING
13:8
R/W
18
Configure the Cable Driver Bypass
amplitude in ~30mVpp steps.
Functional Range = 9d to 31d
(~400mVpp to ~900mVpp)
Precision Range = 21d to 27d
(720mVpp to 880mVpp)
Default value = 24d (800mVpp)
RSVD
7:0
R/W
60
Reserved—do not modify.
34
RSVD
RSVD
15:0
R/W
201
Reserved—do not modify.
35
RSVD
RSVD
15:0
R/W
1170
Reserved—do not modify.
36
RSVD
RSVD
15:0
R/W
201
Reserved—do not modify.
37
RSVD
RSVD
15:0
R/W
1170
Reserved—do not modify.
Table 5-3: Control Register Descriptions (Continued)
Addressh
Register
Name
Parameter Name
Bit
Slice
R/W
Reset
Valueh
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com