Electronic Components Datasheet Search
  English  ▼

X  

GS3590 Datasheet(PDF) 68 Page - Semtech Corporation

Part # GS3590
Description  Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3590 Datasheet(HTML) 68 Page - Semtech Corporation

Back Button GS3590 Datasheet HTML 64Page - Semtech Corporation GS3590 Datasheet HTML 65Page - Semtech Corporation GS3590 Datasheet HTML 66Page - Semtech Corporation GS3590 Datasheet HTML 67Page - Semtech Corporation GS3590 Datasheet HTML 68Page - Semtech Corporation GS3590 Datasheet HTML 69Page - Semtech Corporation GS3590 Datasheet HTML 70Page - Semtech Corporation GS3590 Datasheet HTML 71Page - Semtech Corporation GS3590 Datasheet HTML 72Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 118 page
background image
GS3590
Final Data Sheet Rev.4
PDS-061414 September 2017
68 of 118
Semtech
Proprietary & Confidential
www.semtech.com
Figure 4-32: GSPI Read Timing—Single Read Access with Bus-Through Operation
4.10.8 Auto-increment Read/Write Access
Auto-increment read/write access timing for the GSPI interface is shown in Figure 4-33
to Figure 4-37.
Auto-increment mode is enabled by the setting the AUTOINC bit of Command Word 1.
In this mode, multiple Data Words can be read from/written to the device using only one
starting address. Each access is initiated by a HIGH-to-LOW transition of the CS pin, and
consists of two Command Words and one or more Data Words. The internal address is
automatically incremented after the first read or write Data Word, and continues to
increment until the read or write access is terminated by a LOW-to-HIGH transition of
the CS pin.
Note: Writing to CONTROL_REG using Auto-increment access is not allowed.
The maximum interface clock rate is 27MHz and the inter-command delay time
indicated in the diagram as tcmd, is a minimum of 3 SCLK clock cycles.
For read access, the time from the last bit of the second Command Word to the start of
the data output of the first Data Word as defined by t5 will be no less than 4 SCLK cycles
at 27MHz. All subsequent read data accesses will not be subject to this delay during an
Auto-Increment read.
Figure 4-33: GSPI Write Timing—Auto-Increment with Loop-Through Operation (default)
Figure 4-34: GSPI Write Timing—Auto-Increment with GSPI Link Disable
Operation
COMMAND WORD 1
COMMAND WORD 2
COMMAND WORD 1
COMMAND WORD 2
t5
High-z
DATA WORD
X
SCLK
CS
SDIN
SDOUT
SCLK
CS
SDIN
SDOUT
COMMAND WORD 1
COMMAND WORD 1
DATA 1
DATA 1
DATA 2
DATA 2
COMMAND WORD 2
COMMAND WORD 2
SCLK
CS
SDIN
SDOUT
COMMAND WORD 1
DATA 1
DATA 2
COMMAND WORD 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com