Electronic Components Datasheet Search
  English  ▼

X  

GS3590 Datasheet(PDF) 5 Page - Semtech Corporation

Part # GS3590
Description  Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3590 Datasheet(HTML) 5 Page - Semtech Corporation

  GS3590 Datasheet HTML 1Page - Semtech Corporation GS3590 Datasheet HTML 2Page - Semtech Corporation GS3590 Datasheet HTML 3Page - Semtech Corporation GS3590 Datasheet HTML 4Page - Semtech Corporation GS3590 Datasheet HTML 5Page - Semtech Corporation GS3590 Datasheet HTML 6Page - Semtech Corporation GS3590 Datasheet HTML 7Page - Semtech Corporation GS3590 Datasheet HTML 8Page - Semtech Corporation GS3590 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 118 page
background image
GS3590
Final Data Sheet Rev.4
PDS-061414 September 2017
5 of 118
Semtech
Proprietary & Confidential
www.semtech.com
1. Pin Out
1.1 GS3590 Pin Assignment
Figure 1-1: GS3590 Pin Assignment
GS3590
40-pin QFN
6mm x 4mm
40
1
2
3
4
5
6
7
8
28
27
26
25
24
23
22
21
VEE_DDI
LOOP_IN
VCC_DDI
TERM
DDI
VEE_DDI
VEEO
SDIO
VCCO_0
VCCO_1
DDO
VEEO
SDI_TERM
DDI
SDO
9
10
11
12
1314
15
16
17
18
1920
29
30
31
32
33
34
35
36
37
38
39
DDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com