Electronic Components Datasheet Search
  English  ▼

X  

GS3590 Datasheet(PDF) 6 Page - Semtech Corporation

Part # GS3590
Description  Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3590 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button GS3590 Datasheet HTML 2Page - Semtech Corporation GS3590 Datasheet HTML 3Page - Semtech Corporation GS3590 Datasheet HTML 4Page - Semtech Corporation GS3590 Datasheet HTML 5Page - Semtech Corporation GS3590 Datasheet HTML 6Page - Semtech Corporation GS3590 Datasheet HTML 7Page - Semtech Corporation GS3590 Datasheet HTML 8Page - Semtech Corporation GS3590 Datasheet HTML 9Page - Semtech Corporation GS3590 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 118 page
background image
GS3590
Final Data Sheet Rev.4
PDS-061414 September 2017
6 of 118
Semtech
Proprietary & Confidential
www.semtech.com
1.2 GS3590 Pin Descriptions
Table 1-1: GS3590 Pin Descriptions
Pin Number
Name
Type
Description
1, 8
VEE_DDI
Power
Most negative power supply connection for the Cable Equalizer and
Trace Equalizer.
Connect to ground.
2
LOOP_IN
Input
Single-ended CML input with internal 75Ω termination. Connect to
LOOP_OUT (pin 30) through a capacitor (see Section 6.1 Typical
Application Circuit for recommended values).
3SDI_TERM
—
Input Common Mode termination. Decouple to ground (see
Section 6.1 Typical Application Circuit for recommended values).
4
VCC_DDI
Power
Most positive power supply connection for the Trace and Cable
Equalizer.
Connect to 1.8V.
5TERM
—
Input Common Mode termination. Decouple to ground (see
Section 6.1 Typical Application Circuit for recommended values).
6, 7
DDI, DDI
Input
Serial digital differential input. Differential CML input with internal
100Ω termination.
9, 32
RSVD
—
These pins may be left floating. Please contact your Semtech FAE for
additional information on circuit compatibility with the GS3590.
10
CS
Digital Input
Chip Select input for the Gennum Serial Peripheral Interface (GSPI)
host control/status port.
1.8V CMOS input with 100kΩ pull-up.
Active-low input.
Refer to Section 4.10.1 for more details.
11
SDIN
Digital Input
Serial digital data input for the Gennum Serial Peripheral Interface
(GSPI) host control/status port.
1.8V CMOS input with 100kΩ pull-down.
Refer to Section 4.10.2 for more details.
12
SDOUT
Digital Output
Serial digital data output for the Gennum Serial Peripheral Interface
(GSPI) host control/status port.
1.8V CMOS output.
Refer to Section 4.10.3 for more details.
13
SCLK
Digital Input
Burst-mode clock input for the Gennum Serial Peripheral Interface
(GSPI) host control/status port.
1.8V CMOS input with 100kΩ pull-down.
Refer to Section 4.10.4 for more details.
14, 15
VSS
Power
Most negative power supply for digital core logic.
Connect to ground.
16
VDD
Power
Most positive power supply connection for digital core logic.
Connect to 1.8V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com