Electronic Components Datasheet Search
  English  ▼

X  

GS3590 Datasheet(PDF) 67 Page - Semtech Corporation

Part # GS3590
Description  Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3590 Datasheet(HTML) 67 Page - Semtech Corporation

Back Button GS3590 Datasheet HTML 63Page - Semtech Corporation GS3590 Datasheet HTML 64Page - Semtech Corporation GS3590 Datasheet HTML 65Page - Semtech Corporation GS3590 Datasheet HTML 66Page - Semtech Corporation GS3590 Datasheet HTML 67Page - Semtech Corporation GS3590 Datasheet HTML 68Page - Semtech Corporation GS3590 Datasheet HTML 69Page - Semtech Corporation GS3590 Datasheet HTML 70Page - Semtech Corporation GS3590 Datasheet HTML 71Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 118 page
background image
GS3590
Final Data Sheet Rev.4
PDS-061414 September 2017
67 of 118
Semtech
Proprietary & Confidential
www.semtech.com
4.10.7 Single Read/Write Access
Single read/write access timing for the GSPI interface is shown in Figure 4-28 to
Figure 4-32.
When performing a single read or write access, one Data Word is read from/written to
the device per access. Each access is a minimum of 48-bits long, consisting of two
Command Words and a single Data Word. The read or write cycle begins with a
HIGH-to-LOW transition of the CS pin. The read or write access is terminated by a
LOW-to-HIGH transition of the CS pin.
The maximum interface clock rate is 27MHz and the inter-command delay time
indicated in the figures as tcmd, is a minimum of 3 SCLK clock cycles. After modifying
values in CONTROL_REG, the inter-command delay time, tcmd_GSPI_config, is a minimum
of 4 SCLK clock cycles.
For read access, the time from the last bit of Command Word 2 to the start of the data
output, as defined by t5, corresponds to no less than 4 SCLK clock cycles at 27MHz.
Figure 4-28: GSPI Write Timing—Single Write Access with Loop-Through Operation (default)
Figure 4-29: GSPI Write Timing—Single Write Access with GSPI Link-Disable Operation
Figure 4-30: GSPI Write Timing—Single Write Access with Bus-Through Operation
Figure 4-31: GSPI Read Timing—Single Read Access with Loop-Through Operation (default)
SCLK
CS
SDIN
SDOUT
COMMAND WORD 1
COMMAND WORD 1
DATA WORD
DATA WORD
COMMAND WORD 1
COMMAND WORD 1
X
X
cmd
t
COMMAND WORD 2
COMMAND WORD 2
SCLK
CS
SDIN
SDOUT
COMMAND WORD 1
DATA WORD
COMMAND WORD 1
X
cmd
t
COMMAND WORD 2
SCLK
CS
SDIN
SDOUT
COMMAND WORD 1
COMMAND WORD 1
High-Z
DATA WORD
DATA WORD
COMMAND WORD 1
COMMAND WORD 1
X
High-z
cmd
t
COMMAND WORD 2
COMMAND WORD 2
SCLK
CS
SDIN
SDOUT
COMMAND WORD 1
COMMAND WORD 1
DATA WORD
5
t
COMMAND WORD 2
COMMAND WORD 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com