Electronic Components Datasheet Search
  English  ▼

X  

GS3590 Datasheet(PDF) 74 Page - Semtech Corporation

Part # GS3590
Description  Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3590 Datasheet(HTML) 74 Page - Semtech Corporation

Back Button GS3590 Datasheet HTML 70Page - Semtech Corporation GS3590 Datasheet HTML 71Page - Semtech Corporation GS3590 Datasheet HTML 72Page - Semtech Corporation GS3590 Datasheet HTML 73Page - Semtech Corporation GS3590 Datasheet HTML 74Page - Semtech Corporation GS3590 Datasheet HTML 75Page - Semtech Corporation GS3590 Datasheet HTML 76Page - Semtech Corporation GS3590 Datasheet HTML 77Page - Semtech Corporation GS3590 Datasheet HTML 78Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 118 page
background image
GS3590
Final Data Sheet Rev.4
PDS-061414 September 2017
74 of 118
Semtech
Proprietary & Confidential
www.semtech.com
5. Register Map
The host interface on the GS3590 provides users complete control of key features such
as GPIO configuration, PLL loop bandwidth settings, re-time parameters, carrier
detection, cable equalization, bypass modes, output swing controls, mute functions,
pre-emphasis control and many others.
It also includes a wide selection of Status Registers which allow the user to read back
several key metrics of information from the GS3590 to add more flexibility to their
designs.
Section 5.1 to Section 5.3 cover each Control and Status Register in detail.
5.1 Control Registers
Table 5-1: Control Registers
GSPI
Addressh
Register Name
R/W
0
CONTROL_ REG
RW
1
DEVICE_ID
RO
2
RSVD
RW
7F
CONTROL_ RESET
RW
3
CONTROL_ SLEEP
RW
4
MISC_CNTRL
RW
5
MISC_CFG
RW
6
RATE_ DETECT_ MODE
RW
7
RATE_ DETECT_CFG
RW
CDR Configuration
8
RSVD
RW
9
FACTORY_ CDR_ PARAMETERS
RW
0A
RSVD
RW
0B
PLL_LOOP_ BANDWIDTH_ 1
RW
0C
PLL_LOOP_ BANDWIDTH_ 2
RW
0D to 0F
RSVD
RW
GPIO Configuration
10
GPIO0_CFG
RW
11
GPIO1_CFG
RW
12
GPIO2_CFG
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com