Electronic Components Datasheet Search
  English  ▼

X  

GS3590 Datasheet(PDF) 25 Page - Semtech Corporation

Part # GS3590
Description  Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3590 Datasheet(HTML) 25 Page - Semtech Corporation

Back Button GS3590 Datasheet HTML 21Page - Semtech Corporation GS3590 Datasheet HTML 22Page - Semtech Corporation GS3590 Datasheet HTML 23Page - Semtech Corporation GS3590 Datasheet HTML 24Page - Semtech Corporation GS3590 Datasheet HTML 25Page - Semtech Corporation GS3590 Datasheet HTML 26Page - Semtech Corporation GS3590 Datasheet HTML 27Page - Semtech Corporation GS3590 Datasheet HTML 28Page - Semtech Corporation GS3590 Datasheet HTML 29Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 118 page
background image
GS3590
Final Data Sheet Rev.4
PDS-061414 September 2017
25 of 118
Semtech
Proprietary & Confidential
www.semtech.com
Figure 4-3: Input Voltage Vs. Carrier Detect Threshold Setting
4.4 Serial Digital Re-timer (CDR)
The GS3590 includes an integrated CDR, whose purpose is to lock to a valid incoming
signal from the Cable Equalizer stage (when operating in cable equalizer mode) or the
Trace Equalizer stage (when operating in cable driver mode) and produce a lower jitter
signal at the Cable Driver or Trace Driver outputs. The CDR has the ability to lock to any
of the following data rates: MADI (125Mb/s), SD-SDI (270Mb/s), HD-SDI (1.485Gb/s), and
3G-SDI (2.97Gb/s). This includes the f/1.001 rates.
The default settings of the re-timer block are optimal for most applications. However,
the following controls allow the user to customize the behaviour of the re-timer: LBW
control, Automatic and Manual Rate Detection.
Note: The parameters referred to within Section 4.4.1 to Section 4.4.2 are linked to their
respective registers in Table 4-4: CDR Control and Status Parameters. For a complete list
of registers and functions, please see Section 5.
0
100
200
300
400
500
600
700
800
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Carrier Detect Threshold Setting
Min Launch Swing vs. CD Threshold Setting
Table 4-2: Trace Equalizer Status and Configuration Parameters
Register Addressh and Name
Parameter Name
Description
84, STICKY_ COUNTS_0
STAT_CNT_PRI_CD_CHANGES
A counter showing the number of times the
primary Carrier Detect signal changed.
87, CURRENT_ STATUS_1
STAT_PRI_CD
Primary filtered carrier detect of the
analogue carrier detect signal.
1F, TREQ0_CD_ HYSTERESIS
CFG_TREQ0_CD_ASSERT_THRESH
Sets the Carrier Detect assert threshold.
CFG_TREQ0_CD_DEASSERT_THRESH
Sets the Carrier Detect de-assert threshold.
1E, TREQ0_ INPUT_BOOST
CFG_TREQ0_BOOST
Sets the Trace Equalizer boost level.
CFG_TREQ0_CD_BOOST
Selects the boost method of the CD signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com