Electronic Components Datasheet Search
  English  ▼

X  

GS3590 Datasheet(PDF) 19 Page - Semtech Corporation

Part # GS3590
Description  Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3590 Datasheet(HTML) 19 Page - Semtech Corporation

Back Button GS3590 Datasheet HTML 15Page - Semtech Corporation GS3590 Datasheet HTML 16Page - Semtech Corporation GS3590 Datasheet HTML 17Page - Semtech Corporation GS3590 Datasheet HTML 18Page - Semtech Corporation GS3590 Datasheet HTML 19Page - Semtech Corporation GS3590 Datasheet HTML 20Page - Semtech Corporation GS3590 Datasheet HTML 21Page - Semtech Corporation GS3590 Datasheet HTML 22Page - Semtech Corporation GS3590 Datasheet HTML 23Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 118 page
background image
GS3590
Final Data Sheet Rev.4
PDS-061414 September 2017
19 of 118
Semtech
Proprietary & Confidential
www.semtech.com
The CTRL_AUTO_SLEEP and CTRL_MANUAL_SLEEP parameters in register 0x3,
control the sleep mode of the device. The default value of the CTRL_AUTO_SLEEP
parameter is 1b (Auto Sleep). While in Auto Sleep Mode, the CTRL_MANUAL_SLEEP
parameter has no effect. To enable host control of the sleep mode, set the
CTRL_AUTO_SLEEP parameter to 0b for Manual Sleep Control. To prevent the device
from entering sleep, set the CTRL_MANUAL_SLEEP parameter to 0b (not sleep). To
manually configure the device to sleep, set the CTRL_MANUAL_SLEEP parameter to 1b
(sleep).
The device can also be manually made to sleep through the GPIO pins. The default GPIO
pin to control sleep is GPIO2 (pin 33). Drive this pin HIGH to make the device sleep.
Section 4.7 describes the PRBS Generator function. If the device's PRBS Generator is
intended to be used without a valid input signal, the device should be manually set to
not sleep as described above. Without a valid input signal, an LOS status will be
generated and the device will enter sleep mode and the PRBS block will be disabled. For
a description of LOS thresholds and settings, see Section 4.2.3 and Section 4.3.2.
4.2 Cable Equalizer
When the GS3590 is operating in Cable Equalizer Mode, it can automatically adjust its
gain to equalize and restore SMPTE-compliant signals received over different lengths of
coaxial cable having loss characteristics similar to Belden 8281 or 1694A. With the
default settings, the device will automatically equalize MADI at 125Mb/s and most
common SMPTE compliant signals between SD at 270Mb/s and 3G-SDI at 2.97Gb/s and
bypass signals below 125Mb/s.
The GS3590 features programmable Launch Swing Compensation, Squelch Threshold
Adjust, and Bypass, all of which can be set through the device's host interface.
The equalized or bypassed signal is then routed to the serial digital re-timer (CDR) block.
4.2.1 Cable Equalizer Bypass
With the default settings, the device will automatically bypass signals below 125Mb/s.
During Equalizer Bypass Mode, the device supports low data rate and slow edge signals
such as SMPTE310 and AES3id. The rise/fall times must not exceed 62ns. These signals
will not be re-timed by the CDR block. The following two methods allow the user to
force the signal to bypass the equalization and DC restoration stages:
1. Via the host interface, by setting CTRL_CEQ_AUTO_BYPASS to 0b, and
CTRL_CEQ_MANUAL_BYPASS to 1b in register 0x17.
2. Via the GPIO[0:3] pin (see Section 4.9).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com