Electronic Components Datasheet Search
  English  ▼

X  

GS3590 Datasheet(PDF) 80 Page - Semtech Corporation

Part # GS3590
Description  Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3590 Datasheet(HTML) 80 Page - Semtech Corporation

Back Button GS3590 Datasheet HTML 76Page - Semtech Corporation GS3590 Datasheet HTML 77Page - Semtech Corporation GS3590 Datasheet HTML 78Page - Semtech Corporation GS3590 Datasheet HTML 79Page - Semtech Corporation GS3590 Datasheet HTML 80Page - Semtech Corporation GS3590 Datasheet HTML 81Page - Semtech Corporation GS3590 Datasheet HTML 82Page - Semtech Corporation GS3590 Datasheet HTML 83Page - Semtech Corporation GS3590 Datasheet HTML 84Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 118 page
background image
GS3590
Final Data Sheet Rev.4
PDS-061414 September 2017
80 of 118
Semtech
Proprietary & Confidential
www.semtech.com
6
RATE_
DETECT_
MODE
RSVD
15:12
R/W
0
Reserved—do not modify.
CFG_RATE_ENA_3G
11
R/W
1
3G auto rate detection enable:
0 = Disable rate
1 = Enable rate
Applicable to Trace EQ (DDI) input mode
only.
CFG_RATE_ENA_HD
10
R/W
1
HD auto rate detection enable:
0 = Disable rate
1 = Enable rate
Applicable to Trace EQ (DDI) input mode
only.
CFG_RATE_ENA_SD
9
R/W
1
SD auto rate detection enable:
0 = Disable rate
1 = Enable rate
Applicable to Trace EQ (DDI) input mode
only.
CFG_RATE_ENA_MADI
8
R/W
0
MADI auto rate detection enable:
0 = Disable rate
1 = Enable rate
Applicable to Trace EQ (DDI) input mode
only.
RSVD
7:5
R/W
0
Reserved—do not modify.
CFG_MANUAL_RATE
4:1
R/W
0
Manual rate selection. The CDR will only
lock to the selected rate if
CFG_AUTO_RATE_DETECT_ENA = 0:
0 = < MADI (only applicable in Cable
Equalizer Mode)
1 = MADI
2 = SD
3 = HD
4 = 3G
5 = Reserved—do not modify
6 = Reserved—do not modify
7 = Reserved—do not modify
CFG_AUTO_RATE_
DETECT_ENA
0R/W
1
Set or disable auto rate detection mode.
0 = Disable auto rate detection
1 = Enable auto rate detection
When automatic rate detection is
disabled, the rate is set by
CFG_MANUAL_RATE.
Table 5-3: Control Register Descriptions (Continued)
Addressh
Register
Name
Parameter Name
Bit
Slice
R/W
Reset
Valueh
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com