Electronic Components Datasheet Search
  English  ▼

X  

GS3590 Datasheet(PDF) 27 Page - Semtech Corporation

Part # GS3590
Description  Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3590 Datasheet(HTML) 27 Page - Semtech Corporation

Back Button GS3590 Datasheet HTML 23Page - Semtech Corporation GS3590 Datasheet HTML 24Page - Semtech Corporation GS3590 Datasheet HTML 25Page - Semtech Corporation GS3590 Datasheet HTML 26Page - Semtech Corporation GS3590 Datasheet HTML 27Page - Semtech Corporation GS3590 Datasheet HTML 28Page - Semtech Corporation GS3590 Datasheet HTML 29Page - Semtech Corporation GS3590 Datasheet HTML 30Page - Semtech Corporation GS3590 Datasheet HTML 31Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 118 page
background image
GS3590
Final Data Sheet Rev.4
PDS-061414 September 2017
27 of 118
Semtech
Proprietary & Confidential
www.semtech.com
4.4.3 Lock Time
4.4.3.1 Synchronous and Asynchronous Lock Time
Synchronous lock time is defined as the time it takes the device to re-lock to an existing
signal that has been momentarily interrupted or to a new signal of the same data rate
as the previous signal which has been quickly switched in.
Asynchronous lock time is defined as the time it takes the device to lock when a signal
is first applied to the serial digital inputs, or when the signal rate changes. The
asynchronous and synchronous lock times are defined in Table 2-3.
Note: To ensure synchronous lock times are met, the maximum interruption time of the
signal is 10μs for an SD-SDI signal. HD, and 3G signals must have a maximum
interruption time of 6μs. The new signal, after interruption, must have the same
frequency as the original signal but may have an arbitrary phase.
Table 4-3: Detected Data Rates
STAT_DETECTED_
RATE [2:0]
Detected Data Rate
0Unlocked
1
MADI (125Mb/s)
2
SD (270Mb/s)
3
HD (1.485Gb/s)
4
3G (2.97Gb/s)
5
Reserved
6
Reserved
7
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com