Electronic Components Datasheet Search
  English  ▼

X  

GS3590 Datasheet(PDF) 8 Page - Semtech Corporation

Part # GS3590
Description  Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3590 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button GS3590 Datasheet HTML 4Page - Semtech Corporation GS3590 Datasheet HTML 5Page - Semtech Corporation GS3590 Datasheet HTML 6Page - Semtech Corporation GS3590 Datasheet HTML 7Page - Semtech Corporation GS3590 Datasheet HTML 8Page - Semtech Corporation GS3590 Datasheet HTML 9Page - Semtech Corporation GS3590 Datasheet HTML 10Page - Semtech Corporation GS3590 Datasheet HTML 11Page - Semtech Corporation GS3590 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 118 page
background image
GS3590
Final Data Sheet Rev.4
PDS-061414 September 2017
8 of 118
Semtech
Proprietary & Confidential
www.semtech.com
33
GPIO2
Digital
Input/Output
Multi-function Control/Status Input/Output 2.
Default function:
Direction = Input
Signal = Set HIGH to put device in sleep
Pin is 1.8V CMOS I/O, please refer to GPIO2_CFG for more information
on how to configure GPIO2.
34
VCO_FILT
Passive
VCO filter capacitor connection. Decouple to ground. See Section 6.1
Typical Application Circuit for recommended values.
35
VCC_CORE
Power
Most positive power supply connection for the analogue core.
Connect to 1.8V.
36
GPIO3
Digital
Input/Output
Multi-function Control/Status Input/Output 3.
Default function:
Direction = Input
Signal = Set HIGH to put device in cable driver mode
Pin is 1.8V CMOS I/O, please refer to GPIO3_CFG for more information
on how to configure GPIO3.
39
LF+
Passive
Loop filter capacitor connection. Connect to pin 40 through a
capacitor (see Section 6.1 Typical Application Circuit for
recommended values).
40
LF-
Passive
Loop filter capacitor connection. Connect to pin 39 through a
capacitor (see Section 6.1 Typical Application Circuit for
recommended values).
Tab
—
—
Central paddle can be connected to ground or left unconnected. Its
purpose is to provide increased mechanical stability. It is not required
for thermal dissipation. It is not recommended to connect the device
ground pins to the central paddle.
Table 1-1: GS3590 Pin Descriptions (Continued)
Pin Number
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com