Electronic Components Datasheet Search
  English  ▼

X  

GS3590 Datasheet(PDF) 102 Page - Semtech Corporation

Part # GS3590
Description  Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3590 Datasheet(HTML) 102 Page - Semtech Corporation

Back Button GS3590 Datasheet HTML 98Page - Semtech Corporation GS3590 Datasheet HTML 99Page - Semtech Corporation GS3590 Datasheet HTML 100Page - Semtech Corporation GS3590 Datasheet HTML 101Page - Semtech Corporation GS3590 Datasheet HTML 102Page - Semtech Corporation GS3590 Datasheet HTML 103Page - Semtech Corporation GS3590 Datasheet HTML 104Page - Semtech Corporation GS3590 Datasheet HTML 105Page - Semtech Corporation GS3590 Datasheet HTML 106Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 118 page
background image
GS3590
Final Data Sheet Rev.4
PDS-061414 September 2017
102 of 118
Semtech
Proprietary & Confidential
www.semtech.com
51
PRBS_CHK_
CTRL
RSVD
15:9
R/W
0
Reserved—do not modify.
CTRL_PRBS_CHECK_
TIMED_CONT_B
8R/W
0
0 = Selects continuous PRBS check
mode
1 = Selects timed PRBS check mode
RSVD
7:1
R/W
0
Reserved—do not modify.
CTRL_PRBS_CHECK_
START
0R/W
0
Set to 1 by host to start a timed
operation.
Set to 0 by host after completion or
abort of the operation (by the device
due to LOL) to tell the device that PRBS
result has been read by the host.
See Section 4.5 PRBS Checker for more
details on PRBS checker function.
52
PRBS_GEN_
CTRL
RSVD
15:10
R/W
0
Reserved—do not modify.
CTRL_PRBS_GEN_
ENABLE
9R/W
0
Selects whether the PRBS generator is
enabled or not:
0 = PRBS Generator disabled
1 = PRBS Generator enabled
Note: enabling the PRBS Generator
does not automatically override other
device modes such as auto-sleep,
auto-output-mute, auto-output-disable,
etc. These continue to function
normally. The user/host may need to
adjust those settings to ensure the part
will output the PRBS signal.
CTRL_PRBS_GEN_
SIGNAL_SELECT
8R/W
1
Select output signal from PRBS
Generator as either PRBS7 or divided
clock (divided version of the PRBS
Generator’s clock source):
0 = clock divider (using ratio set by
CTRL_PRBS_GEN_CLK_DIVIDER)
1 = PRBS7
CTRL_PRBS_GEN_
CLK_SRC
7:6
R/W
0
Selects clock source for PRBS Generator:
0 = VCO (free running)
1 = Reserved.
2 = Reserved.
3 = Data reference PLL (CDR recovered
clock)
Table 5-3: Control Register Descriptions (Continued)
Addressh
Register
Name
Parameter Name
Bit
Slice
R/W
Reset
Valueh
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com