Electronic Components Datasheet Search
  English  ▼

X  

GS3590 Datasheet(PDF) 103 Page - Semtech Corporation

Part # GS3590
Description  Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3590 Datasheet(HTML) 103 Page - Semtech Corporation

Back Button GS3590 Datasheet HTML 99Page - Semtech Corporation GS3590 Datasheet HTML 100Page - Semtech Corporation GS3590 Datasheet HTML 101Page - Semtech Corporation GS3590 Datasheet HTML 102Page - Semtech Corporation GS3590 Datasheet HTML 103Page - Semtech Corporation GS3590 Datasheet HTML 104Page - Semtech Corporation GS3590 Datasheet HTML 105Page - Semtech Corporation GS3590 Datasheet HTML 106Page - Semtech Corporation GS3590 Datasheet HTML 107Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 118 page
background image
GS3590
Final Data Sheet Rev.4
PDS-061414 September 2017
103 of 118
Semtech
Proprietary & Confidential
www.semtech.com
52
PRBS_GEN_
CTRL
CTRL_PRBS_GEN_
CLK_DIVIDER
5:4
R/W
0
Selects clock divider ratio for when host
selects divided clock to output on PRBS
Generator
(CTRL_PRBS_GEN_SIGNAL_SELECT = 0):
0 = Divide by 2
1 = Divide by 4
2 = Divide by 8
3 = Divide by 16
CTRL_PRBS_GEN_
INVERT
3R/W
0
Controls optional inversion of the
generated PRBS pattern:
0 = true sense
1 = inverted
CTRL_PRBS_GEN_
DATA_RATE
2:0
R/W
6
Select PRBS7 data rate when PRBS clock
source not recovered clock
(CTRL_PRBS_GEN_CLK_SRC ≠ 3)
0 = Reserved—do not use
1 = MADI
2 = SD
3 = HD
4 = 3G
5 = Reserved - do not use
6 = Reserved - do not use
7 = Reserved - do not use.
If CTRL_PRBS_GEN_CLK_SRC = 3, then
CTRL_PRBS_GEN_DATA_RATE setting
has no effect and the CDR rate is used
(based on automatic rate detection or
manual rate selection). Additionally, if
the device is locked to an input signal,
only the same rate can be selected for
the PRBS Generator.
53
RSVD
RSVD
15:0
R/W
0
Reserved—do not modify.
54
EYE_MON_
INT_CFG_0
CFG_EYE_MON_
TIMEOUT_MS
15:0
R/W
0
CFG_EYE_MON_TIMEOUT[31:16] Most
significant 16 bits of the measurement
time. This is the time spent measuring
bit errors at each point in the eye scan,
i.e. the time to measure one point in the
eye. Units are in microseconds. The Eye
Scanner scans each point twice and
there is some overhead, so the actual
measurement time is twice the number
entered.
Valid range:
1 to 6555d
65536 d to 104895d
131072d to 3350000d
Table 5-3: Control Register Descriptions (Continued)
Addressh
Register
Name
Parameter Name
Bit
Slice
R/W
Reset
Valueh
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com