Electronic Components Datasheet Search
  English  ▼

X  

GS3590 Datasheet(PDF) 104 Page - Semtech Corporation

Part # GS3590
Description  Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3590 Datasheet(HTML) 104 Page - Semtech Corporation

Back Button GS3590 Datasheet HTML 100Page - Semtech Corporation GS3590 Datasheet HTML 101Page - Semtech Corporation GS3590 Datasheet HTML 102Page - Semtech Corporation GS3590 Datasheet HTML 103Page - Semtech Corporation GS3590 Datasheet HTML 104Page - Semtech Corporation GS3590 Datasheet HTML 105Page - Semtech Corporation GS3590 Datasheet HTML 106Page - Semtech Corporation GS3590 Datasheet HTML 107Page - Semtech Corporation GS3590 Datasheet HTML 108Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 118 page
background image
GS3590
Final Data Sheet Rev.4
PDS-061414 September 2017
104 of 118
Semtech
Proprietary & Confidential
www.semtech.com
55
EYE_MON_
INT_CFG_1
CFG_EYE_MON_
TIMEOUT_LS
15:0
R/W
64
CFG_EYE_MONT_TIMEOUT[15:0] Least
significant 16 bits of the measurement
time.
See CFG_EYE_MON_ TIMEOUT_MS.
56
EYE_MON_
INT_CFG_2
CFG_EYE_BER_
THRESHOLD
15:0
R/W
64
Threshold of bit error counts to define
good vs bad points in eye for shape
scan.
See Section 4.6 for further details.
57
EYE_MON_
INT_CFG_3
CFG_EYE_DEFAULT_
VERT_OFFSET
15:8
R/W
80
The vertical offset slice that will be used
for eye shape queries. Offset values: 0 to
255d. 0 represents the most negative
slice since 128d is the 0V slice level and
255d is the most positive slice level.
Default is 128d.
RSVD
7:3
R/W
2
Reserved—do not modify.
CFG_EYE_INIT_RESET
2
R/W
0
Eye monitor initialization bit. Set HIGH
during Device Power-up Sequence. See
Section 4.10.12 for details.
RSVD
1:0
R/W
2
Reserved—do not modify.
58
RSVD
RSVD
15:0
R/W
D280
Reserved—do not modify.
59
RSVD
RSVD
15:0
R/W
0
Reserved—do not modify.
5A
EYE_MON_
SCAN_CTRL_0
RSVD
15
R/W
0
Reserved—do not modify.
CTRL_EYE_PHASE_
START
14:8
R/W
0
Starting phase offset. Valid range is 0d to
127d. Reset value must be used for
shape scan.
RSVD
7
R/W
0
Reserved—do not modify.
CTRL_EYE_PHASE_
STOP
6:0
R/W
7F
Phase offset limit. Valid range is 0d to
127d. CTRL_EYE_PHASE_STOP must be
greater or equal to
CTRL_EYE_PHASE_START. Reset value
must be used for shape scan.
Table 5-3: Control Register Descriptions (Continued)
Addressh
Register
Name
Parameter Name
Bit
Slice
R/W
Reset
Valueh
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com