Electronic Components Datasheet Search
  English  ▼

X  

GS3590 Datasheet(PDF) 108 Page - Semtech Corporation

Part # GS3590
Description  Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3590 Datasheet(HTML) 108 Page - Semtech Corporation

Back Button GS3590 Datasheet HTML 104Page - Semtech Corporation GS3590 Datasheet HTML 105Page - Semtech Corporation GS3590 Datasheet HTML 106Page - Semtech Corporation GS3590 Datasheet HTML 107Page - Semtech Corporation GS3590 Datasheet HTML 108Page - Semtech Corporation GS3590 Datasheet HTML 109Page - Semtech Corporation GS3590 Datasheet HTML 110Page - Semtech Corporation GS3590 Datasheet HTML 111Page - Semtech Corporation GS3590 Datasheet HTML 112Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 118 page
background image
GS3590
Final Data Sheet Rev.4
PDS-061414 September 2017
108 of 118
Semtech
Proprietary & Confidential
www.semtech.com
86
CURRENT_
STATUS_0
RSVD
15
RO
0
Reserved—do not modify.
STAT_CLEAR_COUNTS_
STATUS
14:13
RO
0
0 = Idle
1 = Reserved
2 = Indicates device has cleared the
sticky counts
3 = Reserved
Part of a four way handshake with
CTRL_CLEAR_COUNTS.
See Section 4.10.11 for more details on
implementing the four way handshake
for this operation.
STAT_LOCK
12
RO
0
0 = PLL is unlocked
1 = PLL is locked
STAT_SLEEP
11
RO
0
0 = Device is not in sleep
1 = Device is currently in sleep
RSVD
10
RO
0
Reserved—do not modify.
STAT_ACTIVE_
DIRECTION
9RO
0
Indicates current active direction of
SDIO buffer:
0 = Cable Equalizer / receiver mode
1 = Cable Driver / transmitter mode
STAT_CLI_SQUELCH
8
RO
1
Cable Equalizer squelch status.
0 = CLI squelch is de-asserted
1 = CLI squelch is asserted
STAT_OUTPUT1_MODE
7:4
RO
6
DDO output status:
0 = Mission Trace Driver <= SD rate
1 = Mission Trace Driver HD rate
2 = Mission Trace Driver 3G rate
3 = Reserved
4 = Reserved
5 = Reserved
6 = Muted
7 = Disabled
STAT_OUTPUT0_MODE
3:0
RO
6
SDIO output status:
0 = Mission Cable Driver SD/MADI slew
rate
1 = Mission Cable Driver HD/3G slew
rate
2 = Reserved
3 = Reserved
4 = Reserved
5 = Balanced
6 = Muted
7 = Disabled
Table 5-4: Status Register Descriptions (Continued)
Addressh
Register
Name
Parameter Name
Bit
Slice
R/W
Reset
Valueh
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com