Electronic Components Datasheet Search
  English  ▼

X  

GS3590 Datasheet(PDF) 111 Page - Semtech Corporation

Part # GS3590
Description  Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3590 Datasheet(HTML) 111 Page - Semtech Corporation

Back Button GS3590 Datasheet HTML 107Page - Semtech Corporation GS3590 Datasheet HTML 108Page - Semtech Corporation GS3590 Datasheet HTML 109Page - Semtech Corporation GS3590 Datasheet HTML 110Page - Semtech Corporation GS3590 Datasheet HTML 111Page - Semtech Corporation GS3590 Datasheet HTML 112Page - Semtech Corporation GS3590 Datasheet HTML 113Page - Semtech Corporation GS3590 Datasheet HTML 114Page - Semtech Corporation GS3590 Datasheet HTML 115Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 118 page
background image
GS3590
Final Data Sheet Rev.4
PDS-061414 September 2017
111 of 118
Semtech
Proprietary & Confidential
www.semtech.com
8A
PRBS_
CHK_STATUS
RSVD
15:10
RO
0
Reserved—do not modify.
STAT_PRBS_CHECK_
NODATA
9RO
0
0 = Normal
1 = No data transitions were seen
during the previous PRBS check
This bit is set to 1 to indicate that the
input data was all 0’s during a PRBS
check. When that happens, the error
count will be zero when in fact there
was no valid PRBS pattern.
This bit is updated by the device on
completion of a measurement. It
retains its value until the next PRBS
check operation is requested. Value is
undefined in case of abort
(STAT_PRBS_CHECK_LAST_ABORT = 1).
Value does not increment during a
measurement until it completes.
STAT_PRBS_CHECK_
LAST_ABORT
8RO
0
This bit retains its value until the next
PRBS operation is requested.
0 = Normal
1 = PRBS check was aborted due to loss
of lock or sleep
RSVD
7:2
RO
0
Reserved—do not modify.
STAT_PRBS_CHECK_
STATUS
1:0
RO
0
Status for PRBS Checker:
0 = PRBS check idle; ready for new
operation
1 = PRBS check timed or continuous
operation in progress
2 = PRBS check timed operation
completed (success)
3 = PRBS check timed or continuous
operation aborted (error)
Part of a four way handshake with
CTRL_PRBS_CHECK_START
(Section 4.5).
Abort will be reported if loss of lock or
sleep occurred during a PRBS check
operation or those conditions existed
when the operation was requested by
the host.
8B
EYE_MON_
SCAN_
SIZE_OUTPUT
STAT_EYE_IMAGE_SIZE
15:0
RO
0
The size in bytes of the last partial scan
segment.
Table 5-4: Status Register Descriptions (Continued)
Addressh
Register
Name
Parameter Name
Bit
Slice
R/W
Reset
Valueh
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com